データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IRFP264N データシート(PDF) 2 Page - International Rectifier

部品番号 IRFP264N
部品情報  Power MOSFET(Vdss=250V, Rds(on)=60mohm, Id=44A)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IRF [International Rectifier]
ホームページ  http://www.irf.com
Logo IRF - International Rectifier

IRFP264N データシート(HTML) 2 Page - International Rectifier

  IRFP264N Datasheet HTML 1Page - International Rectifier IRFP264N Datasheet HTML 2Page - International Rectifier IRFP264N Datasheet HTML 3Page - International Rectifier IRFP264N Datasheet HTML 4Page - International Rectifier IRFP264N Datasheet HTML 5Page - International Rectifier IRFP264N Datasheet HTML 6Page - International Rectifier IRFP264N Datasheet HTML 7Page - International Rectifier IRFP264N Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
IRFP264N
2
www.irf.com
S
D
G
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
MOSFET symbol
(Body Diode)
–––
–––
showing the
ISM
Pulsed Source Current
integral reverse
(Body Diode)

–––
–––
p-n junction diode.
VSD
Diode Forward Voltage
–––
–––
1.3
V
TJ = 25°C, IS = 25A, VGS = 0V
„
trr
Reverse Recovery Time
–––
270
400
ns
TJ = 25°C, IF = 25A
Qrr
Reverse Recovery Charge
–––
2.7
4.1
µC
di/dt = 100A/µs
„
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
Source-Drain Ratings and Characteristics
44
170
A
‚ Starting T
J = 25°C, L = 1.7mH
RG = 25Ω, IAS = 25A,VGS=10V
 Repetitive rating; pulse width limited by
max. junction temperature. (See fig. 11)
Notes:
ƒ ISD ≤ 25A, di/dt ≤ 500A/µs, VDD ≤ V(BR)DSS,
TJ ≤ 175°C
„ Pulse width ≤ 400µs; duty cycle ≤ 2%.
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
250
–––
–––
V
VGS = 0V, ID = 250µA
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
–––
0.30
–––
V/°C
Reference to 25°C, ID = 1mA
RDS(on)
Static Drain-to-Source On-Resistance
–––
–––
60
m
VGS = 10V, ID = 25A
„
VGS(th)
Gate Threshold Voltage
2.0
–––
4.0
V
VDS = VGS, ID = 250µA
gfs
Forward Transconductance
29
–––
–––
S
VDS = 25V, ID = 25A
„
–––
–––
25
µA
VDS = 250V, VGS = 0V
–––
–––
250
VDS = 200V, VGS = 0V, TJ = 150°C
Gate-to-Source Forward Leakage
–––
–––
100
VGS = 20V
Gate-to-Source Reverse Leakage
–––
–––
-100
nA
VGS = -20V
Qg
Total Gate Charge
–––
–––
210
ID = 25A
Qgs
Gate-to-Source Charge
–––
–––
34
nC
VDS = 200V
Qgd
Gate-to-Drain ("Miller") Charge
–––
–––
94
VGS = 10V, See Fig. 6 and 13
td(on)
Turn-On Delay Time
–––
17
–––
VDD = 30V
tr
Rise Time
–––
62
–––
ID = 25A
td(off)
Turn-Off Delay Time
–––
52
–––
RG = 1.8Ω
tf
Fall Time
–––
53
–––
VGS = 10V, See Fig. 10
„
Between lead,
–––
–––
6mm (0.25in.)
from package
and center of die contact
Ciss
Input Capacitance
–––
3860 –––
VGS = 0V
Coss
Output Capacitance
–––
480
–––
VDS = 25V
Crss
Reverse Transfer Capacitance
–––
110
–––
pF
ƒ = 1.0MHz, See Fig. 5
nH
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
LD
Internal Drain Inductance
LS
Internal Source Inductance
–––
–––
S
D
G
IGSS
ns
5.0
13
IDSS
Drain-to-Source Leakage Current


同様の部品番号 - IRFP264N

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
IRFP264N VISHAY-IRFP264N Datasheet
151Kb / 8P
   Power MOSFET
S-81274-Rev. A, 16-Jun-08
logo
International Rectifier
IRFP264NPBF IRF-IRFP264NPBF Datasheet
148Kb / 8P
   HEXFET Power MOSFET
logo
Vishay Siliconix
IRFP264NPBF VISHAY-IRFP264NPBF Datasheet
151Kb / 8P
   Power MOSFET
S-81274-Rev. A, 16-Jun-08
More results

同様の説明 - IRFP264N

メーカー部品番号データシート部品情報
logo
International Rectifier
IRFZ24V IRF-IRFZ24V Datasheet
200Kb / 8P
   Power MOSFET(Vdss=60V, Rds(on)=60mohm, Id=17A)
IRFRU1205 IRF-IRFRU1205 Datasheet
144Kb / 10P
   Power MOSFET(Vdss=55V, Rds(on)=0.027ohm, Id=44A??
IRFB38N20D IRF-IRFB38N20D Datasheet
133Kb / 11P
   Power MOSFET(Vdss=200V, Rds(on)max=0.054ohm, Id=44A)
IRFB42N20D IRF-IRFB42N20D Datasheet
215Kb / 8P
   Power MOSFET(Vdss=200V, Rds(on)max=0.055ohm, Id=44A)
IRF634 IRF-IRF634 Datasheet
171Kb / 6P
   Power MOSFET(Vdss=250V, Rds(on)=0.45ohm, Id=8.1A)
IRFI614G IRF-IRFI614G Datasheet
173Kb / 6P
   Power MOSFET(Vdss=250V, Rds(on)=2.0ohm, Id=2.1A)
IRFR224 IRF-IRFR224 Datasheet
175Kb / 6P
   Power MOSFET(Vdss=250V, Rds(on)=1.1ohm, Id=3.8A)
IRF644 IRF-IRF644 Datasheet
173Kb / 6P
   Power MOSFET(Vdss=250V, Rds(on)=0.28ohm, Id=14A)
IRFI9634G IRF-IRFI9634G Datasheet
120Kb / 8P
   Power MOSFET(Vdss=-250V, Rds(on)=1.0ohm, Id=-4.1A)
IRFD214 IRF-IRFD214 Datasheet
497Kb / 8P
   Power MOSFET(Vdss=250V, Rds(on)=2.0ohm, Id=0.45A)
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com