データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SM3200A データシート(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

部品番号 SM3200A
部品情報  3.0 A Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SECOS [SeCoS Halbleitertechnologie GmbH]
ホームページ  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SM3200A データシート(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SM3200A_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SM3200A_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
SM3200A
VOLTAGE 200 V
3.0 A Schottky Barrier Rectifiers
20-Dec-2013 Rev. C
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
A
B
E
G
D
F
C
H
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
High Current Capability
Extremely Low Thermal Resistance
For Surface Mount Application
Higher Temp Soldering : 250°C for 10 Seconds at Terminals
Low Revise Current
MECHANICAL DATA
Case: Molded Plastic
Epoxy: UL 94V-0 Rate Flame Retardant
Lead: Axial Leads, Solderable per MIL-STD-202
method 208 Guaranteed
Polarity: Color Band Denotes Cathode End
Mounting Position: Any
PACKAGE INFORMATION
Package
MPQ
Leader Size
SMA
5K
13’ inch
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Rating 25°C ambient temperature unless otherwise specified.Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, de-rate current by 20%.)
Parameter
Symbol
Rating
Unit
Peak Repetitive Peak reverse voltage
VRRM
200
Working Peak Reverse Voltage
VRWM
200
Maximum DC Blocking Voltage
VR
200
V
Average Forward Current @TJ=25°C
IF(AV)
3
A
Peak Forward Current @ 8.3 ms Half Sine
IFSM
80
A
IFM = 3.0 A, TA = 25°C
0.85
IFM = 3.0 A, TA = 75°C
0.75
Maximum Instantaneous Forward
Voltage
IFM = 3.0 A, TA = 125°C
VF
0.68
V
TJ = 25°C
50
Maximum DC Reverse Current At Rated DC
Blocking Voltage
3
TJ = 100°C
IR
500
μA
Typical Junction Capacitance
1
CJ
60
pF
Typical Thermal Resistance
2
RθJC
25
°C / W
Voltage Rate of Chance (Rated VR)
dv/dt
10000
V / μs
Operating Temperature Range
TJ
-50~150
°C
Storage temperature
TSTG
-65~150
°C
Notes:
1.
Measured at 1MHz and applied reverse voltage of 5.0 V D.C.
2.
Thermal Resistance Junction to Case.
3.
Pulse test: 300uS pulse width, 1% duty cycle.
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
1.25
1.65
E
0.051
0.203
B
3.99
4.60
F
4.78
5.28
C
2.50
2.90
G
0.76
1.52
D
1.98
2.44
H
0.152
0.305
SMA


同様の部品番号 - SM3200A_15

メーカー部品番号データシート部品情報
logo
Goodwork Semiconductor ...
SM3200A-CAR GWSEMI-SM3200A-CAR Datasheet
50Kb / 2P
   3.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SM3200AF SECOS-SM3200AF Datasheet
243Kb / 2P
   20V ~200V 3.0 Amp Surface Mount Schottky Bectifiers
logo
AiT Semiconductor Inc.
SM3200AF AITSEMI-SM3200AF Datasheet
598Kb / 5P
   SCHOTTKY DIODES REVERSE VOLTAGE 20V TO 200V FORWARD CURRENT 3.0A
REV1.0
logo
SeCoS Halbleitertechnol...
SM3200AS SECOS-SM3200AS Datasheet
222Kb / 3P
   Voltage 20V ~ 200V 3.0 Amp Surface Mount Schottky Barrier Rectifiers
More results

同様の説明 - SM3200A_15

メーカー部品番号データシート部品情報
logo
SeCoS Halbleitertechnol...
SM3200A SECOS-SM3200A Datasheet
216Kb / 2P
   3.0 A Schottky Barrier Rectifiers
SM3200B SECOS-SM3200B Datasheet
183Kb / 2P
   3.0 A Schottky Barrier Rectifiers
SM3150B SECOS-SM3150B Datasheet
679Kb / 2P
   3.0 A Schottky Barrier Rectifiers
SM3150B SECOS-SM3150B_15 Datasheet
674Kb / 2P
   3.0 A Schottky Barrier Rectifiers
SM3150A SECOS-SM3150A Datasheet
192Kb / 2P
   Voltage 150 V 3.0 A Schottky Barrier Rectifiers
SM3200B SECOS-SM3200B_11 Datasheet
102Kb / 2P
   3.0 Amp Schottky Barrier Rectifiers
logo
Formosa MS
SR320P FORMOSA-SR320P Datasheet
62Kb / 2P
   3.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Taiwan Semiconductor Co...
SR302 TSC-SR302 Datasheet
66Kb / 2P
   3.0 AMPS. Schottky Barrier Rectifiers
SR302 TSC-SR302_1 Datasheet
164Kb / 2P
   3.0 AMPS. Schottky Barrier Rectifiers
SR302 TSC-SR302_09 Datasheet
210Kb / 2P
   3.0 AMPS. Schottky Barrier Rectifiers
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com