データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM1-G データシート(PDF) 2 Page - TriQuint Semiconductor

部品番号 AM1-G
部品情報  High Dynamic Range Gain Block
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TRIQUINT [TriQuint Semiconductor]
ホームページ  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

AM1-G データシート(HTML) 2 Page - TriQuint Semiconductor

  AM1-G Datasheet HTML 1Page - TriQuint Semiconductor AM1-G Datasheet HTML 2Page - TriQuint Semiconductor AM1-G Datasheet HTML 3Page - TriQuint Semiconductor AM1-G Datasheet HTML 4Page - TriQuint Semiconductor AM1-G Datasheet HTML 5Page - TriQuint Semiconductor AM1-G Datasheet HTML 6Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
AM1
High Dynamic Range Gain Block
Specifications and information are subject to change without notice
TriQuint Semiconductor, Inc
 Phone +1-503-615-9000  FAX: +1-503-615-8900  e-mail: info-sales@tqs.com  Web site: www.TriQuint.com
Page 2 of 6
May 2012
Typical Device Data
S-Parameters (VDS = +4.5 V, IDS = 78mA, T = 25 C, 50 ohm system)
Input return loss can be improved with the appropriate input matching network shown later in this datasheet.
Gain vs. Frequency
6
8
10
12
14
16
0
500
1000
1500
2000
2500
3000
Frequency (MHz)
-40c
+25c
+85c
S11 vs. Frequency
-30
-25
-20
-15
-10
-5
0
0
500
1000
1500
2000
2500
3000
Frequency (MHz)
-40c
+25c
+85c
S22 vs. Frequency
-40
-30
-20
-10
0
0
500
1000
1500
2000
2500
3000
Frequency (MHz)
-40c
+25c
+85c
Noise Figure vs. Frequency
0
1
2
3
4
5
6
0
500
1000
1500
2000
2500
3000
Frequency (MHz)
Output Power / Gain vs. Input Power
frequency = 900 MHz, Temp = +25° C
4
6
8
10
12
14
0
2
4
6
8
10
12
14
Input Power (dBm)
12
14
16
18
20
22
Output Power
Gain
Output Power / Gain vs. Input Power
frequency = 1900 MHz, Temp = +25° C
4
6
8
10
12
14
0
2
4
6
8
10
12
14
Input Power (dBm)
12
14
16
18
20
22
Output Power
Gain
ACPR vs. Channel Power
25 °C, IS-95, 9 Ch. Forward, ±885 kHz offset, 30 kHz Meas BW
-75
-65
-55
-45
-35
6
7
8
9
10
11
12
13
Output Channel Power (dBm)
freq = 1900 MHz
S-Parameters (VD = +4.5 V, ID = 78 mA, T = 25 C, calibrated to device leads)
Freq (MHz)
S11 (dB)
S11 (ang)
S21 (dB)
S21 (ang)
S12 (dB)
S12 (ang)
S22 (dB)
S22 (ang)
50
-4.72
-30.88
15.44
164.91
-21.66
30.26
-9.38
-40.39
250
-8.67
-27.48
13.93
165.39
-20.26
3.92
-16.70
-32.88
500
-8.96
-37.68
13.75
157.18
-20.14
-2.25
-17.56
-31.25
750
-9.06
-51.15
13.60
148.11
-20.02
-7.65
-18.25
-35.67
1000
-9.04
-66.87
13.47
137.91
-19.92
-10.63
-19.05
-43.62
1250
-9.00
-82.11
13.39
128.62
-19.85
-15.19
-20.28
-51.49
1500
-8.89
-97.31
13.13
118.57
-19.73
-18.74
-21.30
-61.37
1750
-8.74
-112.48
12.91
109.09
-19.56
-23.00
-22.57
-73.75
2000
-8.65
-128.51
12.68
99.48
-19.71
-28.33
-25.15
-85.19
2250
-8.40
-142.86
12.48
89.94
-19.53
-33.37
-27.03
-103.19
2500
-7.99
-157.26
12.22
80.41
-19.40
-37.91
-28.58
-135.19
2750
-7.93
-171.48
11.88
71.42
-19.33
-42.30
-28.56
-177.83
3000
-7.47
175.92
11.53
62.05
-19.58
-47.37
-28.48
153.84


同様の部品番号 - AM1-G

メーカー部品番号データシート部品情報
logo
WJ Communication. Inc.
AM1-G WJCI-AM1-G Datasheet
404Kb / 6P
   High Dynamic Range Gain Block
More results

同様の説明 - AM1-G

メーカー部品番号データシート部品情報
logo
WJ Communication. Inc.
AG102 WJCI-AG102 Datasheet
399Kb / 6P
   High Dynamic Range Gain Block
AM1 WJCI-AM1 Datasheet
404Kb / 6P
   High Dynamic Range Gain Block
AG103 WJCI-AG103_06 Datasheet
181Kb / 4P
   High Dynamic Range Gain Block
AG103 WJCI-AG103 Datasheet
167Kb / 5P
   High Dynamic Range Gain Block
AH3 WJCI-AH3 Datasheet
107Kb / 4P
   High Dynamic Range Gain Block
logo
TriQuint Semiconductor
AG102-G TRIQUINT-AG102-G_15 Datasheet
737Kb / 6P
   High Dynamic Range Gain Block
AH3-G TRIQUINT-AH3-G_15 Datasheet
506Kb / 7P
   High Dynamic Range Gain Block
logo
List of Unclassifed Man...
AG101 ETC-AG101 Datasheet
179Kb / 7P
   High Dynamic Range Gain Block
AM1 ETC-AM1 Datasheet
126Kb / 5P
   High Dynamic Range Gain Block
logo
Tyco Electronics
AM-155 MACOM-AM-155 Datasheet
155Kb / 3P
   High Dynamic Range Amplifier, 12.5dB Gain, 300 - 1000 MHz
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com