データシートサーチシステム |
|
2SJ526 データシート(PDF) 4 Page - Renesas Technology Corp |
|
2SJ526 データシート(HTML) 4 Page - Renesas Technology Corp |
4 / 10 page 2SJ526 Rev.6.00 Jun 05, 2006 page 2 of 7 Absolute Maximum Ratings (Ta = 25 °C) Item Symbol Value Unit Drain to source voltage VDSS –60 V Gate to source voltage VGSS ±20 V Drain current ID –12 A Drain peak current ID (pulse) Note 1 –48 A Body to drain diode reverse drain current IDR –12 A Avalanche current IAP Note 3 –12 A Avalanche energy EAR Note 3 12 mJ Channel dissipation Pch Note 2 25 W Channel temperature Tch 150 °C Storage temperature Tstg –55 to +150 °C Notes: 1. PW ≤ 10 µs, duty cycle ≤ 1% 2. Value at Tc = 25 °C 3. Value at Tch = 25 °C, Rg ≥ 50 Ω Electrical Characteristics (Ta = 25 °C) Item Symbol Min Typ Max Unit Test Conditions Drain to source breakdown voltage V (BR) DSS –60 — — V ID = –10 mA, VGS = 0 Gate to source breakdown voltage V (BR) GSS ±20 — — V IG = ±100 µA, VDS = 0 Zero gate voltage drain current IDSS — — –10 µA VDS = –60 V, VGS = 0 Gate to source leak current IGSS — — ±10 µA VGS = ±16 V, VDS = 0 Gate to source cutoff voltage VGS (off) –1.0 — –2.0 V ID = –1 mA, VDS = –10 V RDS (on) — 0.11 0.15 Ω ID = –6 A, VGS = –10 V Note 4 Static drain to source on state resistance RDS (on) — 0.16 0.23 Ω ID = –6 A, VGS = –4 V Note 4 Forward transfer admittance |yfs| 5 8 — S ID = –6 A, VDS = –10 V Note 4 Input capacitance Ciss — 580 — pF Output capacitance Coss — 300 — pF Reverse transfer capacitance Crss — 85 — pF VDS = –10 V VGS = 0 f = 1 MHz Turn-on delay time td (on) — 10 — ns Rise time tr — 55 — ns Turn-off delay time td (off) — 85 — ns Fall time tf — 60 — ns VGS = –10 V ID = –6 A RL = 5 Ω Body to drain diode forward voltage VDF — –1.2 — V IF = –12 A, VGS = 0 Body to drain diode reverse recovery time trr — 60 — ns IF = –12 A, VGS = 0 diF/dt = 50 A/ µs Note: 4. Pulse test |
同様の部品番号 - 2SJ526_15 |
|
同様の説明 - 2SJ526_15 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |