データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IRLI2203G データシート(PDF) 2 Page - International Rectifier

部品番号 IRLI2203G
部品情報  Power MOSFET(Vdss=30V, Rds(on)=0.010ohm, Id=52A??
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IRF [International Rectifier]
ホームページ  http://www.irf.com
Logo IRF - International Rectifier

IRLI2203G データシート(HTML) 2 Page - International Rectifier

  IRLI2203G Datasheet HTML 1Page - International Rectifier IRLI2203G Datasheet HTML 2Page - International Rectifier IRLI2203G Datasheet HTML 3Page - International Rectifier IRLI2203G Datasheet HTML 4Page - International Rectifier IRLI2203G Datasheet HTML 5Page - International Rectifier IRLI2203G Datasheet HTML 6Page - International Rectifier IRLI2203G Datasheet HTML 7Page - International Rectifier IRLI2203G Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
30
–––
–––
V
VGS = 0V, ID = 250µA, TJ >-40°C
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
––– 0.039 –––
V/°C
Reference to 25°C, ID = 1mA
–––
––– 0.010
VGS = 10V, ID = 31A
–––
––– 0.015
VGS = 5.0V, ID = 26A
VGS(th)
Gate Threshold Voltage
1.0
–––
2.0
V
VDS = VGS, ID = 250µA
gfs
Forward Transconductance
44
–––
–––
S
VDS = 25V, ID = 55A
–––
–––
25
VDS = 30V, VGS = 0V
–––
–––
250
VDS = 24V, VGS = 0V, TJ = 150°C
Gate-to-Source Forward Leakage
–––
–––
100
VGS = 10V
Gate-to-Source Reverse Leakage
–––
–––
-100
VGS = -10V
–––
–––
85
ID= 46A, VDS= 24V, VGS= 5.0V
–––
–––
150
ID= 55A
Qgs
Gate-to-Source Charge
–––
–––
23
VDS = 24V
Qgd
Gate-to-Drain ("Miller") Charge
–––
–––
36
VGS = 10V, See Fig. 6 and 13
td(on)
Turn-On Delay Time
–––
9.1
–––
VDD = 15V
tr
Rise Time
–––
110
–––
ID = 55A
td(off)
Turn-Off Delay Time
–––
110
–––
RG = 5.0Ω
tf
Fall Time
–––
100
–––
RD = 0.26Ω, See Fig. 10
Between lead,
6mm (0.25in.)
from package
and center of die contact
Ciss
Input Capacitance
––– 3700 –––
VGS = 0V
Coss
Output Capacitance
––– 1700 –––
pF
VDS = 25V
Crss
Reverse Transfer Capacitance
–––
310
–––
ƒ = 1.0MHz, See Fig. 5
C
Drain to Sink Capacitance
–––
12
–––
pF
ƒ = 1.0MHz
IRLI2203G
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
IDSS
Drain-to-Source Leakage Current
IGSS
RDS(on)
Static Drain-to-Source On-Resistance
µA
nA
nH
ns
LD
Internal Drain Inductance
–––
4.5
–––
LS
Internal Source Inductance
–––
7.5
–––
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
MOSFET symbol
(Body Diode)
showing the
ISM
Pulsed Source Current
integral reverse
(Body Diode)
p-n junction diode.
VSD
Diode Forward Voltage
–––
–––
1.6
V
TJ = 25°C, IS = 31A, VGS = 0V
trr
Reverse Recovery Time
–––
59
89
ns
TJ = 25°C, IF = 55A
Qrr
Reverse RecoveryCharge
–––
0.11 0.17
µC
di/dt = 100A/µs
ton
Forward Turn-On Time
Source-Drain Ratings and Characteristics
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
–––
–––
210
–––
–––
52
A
Notes:
Repetitive rating; pulse width limited by
max. junction temperature. ( See fig. 11 )
ISD ≤ 55A, di/dt ≤ 100A/µs, VDD ≤ V(BR)DSS,
TJ ≤ 175°C
t=60s, ƒ=60Hz
Qg
Total Gate Charge
nC
VDD = 25V, starting TJ = 25°C, L = 20µH
RG = 25Ω, IAS = 55A. (See Figure 12)
Pulse width
≤ 300µs; duty cycle ≤ 2%.
Caculated continuous current based on maximum allowable junction temperature;
for recomended current-handling of the package refer to Design Tip # 93-4
Next Data Sheet
Index
Previous Datasheet
To Order


同様の部品番号 - IRLI2203G

メーカー部品番号データシート部品情報
logo
International Rectifier
IRLI2203N IRF-IRLI2203N Datasheet
113Kb / 8P
   HEXFET Power MOSFET
IRLI2203NPBF IRF-IRLI2203NPBF Datasheet
1Mb / 8P
   HEXFET Power MOSFET
More results

同様の説明 - IRLI2203G

メーカー部品番号データシート部品情報
logo
International Rectifier
IRL3103S IRF-IRL3103S Datasheet
125Kb / 10P
   Power MOSFET(Vdss=30V, Rds(on)=12mohm, Id=64A)
IRL3803 IRF-IRL3803 Datasheet
365Kb / 8P
   Power MOSFET(Vdss=30V, Rds(on)=0.006ohm, Id=140A??
IRLR3103 IRF-IRLR3103 Datasheet
164Kb / 10P
   Power MOSFET(Vdss=30V, Rds(on)=0.019ohm, Id=46A??
IRFR1111 IRF-IRFR1111 Datasheet
112Kb / 10P
   Power MOSFET(Vdss=30V, Rds(on)=0.031ohm, Id=33A??
IRL2203S IRF-IRL2203S Datasheet
173Kb / 9P
   Power MOSFET(Vdss=30V, Rds(on)=0.007ohm, Id=100A??
IRL2203N IRF-IRL2203N Datasheet
221Kb / 8P
   Power MOSFET(Vdss=30V, Rds(on)=7.0mohm, Id=116A??
IRL2203NS IRF-IRL2203NS Datasheet
132Kb / 10P
   Power MOSFET(Vdss=30V, Rds(on)=7.0mohm, Id=116A??
IRL3803S IRF-IRL3803S Datasheet
436Kb / 10P
   Power MOSFET(Vdss=30V, Rds(on)=0.006ohm, Id=140A??
IRFP3703 IRF-IRFP3703 Datasheet
236Kb / 8P
   Power MOSFET(Vdss=30V, Rds(on)max=0.0028ohm, Id=210A??
IRLP3803 IRF-IRLP3803 Datasheet
295Kb / 8P
   HEXFET짰 Power MOSFET(VDSS = 30V,RDS(on) = 0.006Ohm,ID = 120A)
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com