データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IRLZ44NL データシート(PDF) 2 Page - International Rectifier

部品番号 IRLZ44NL
部品情報  Power MOSFET(Vdss=55V, Rds(on)=0.022ohm, Id=47A)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IRF [International Rectifier]
ホームページ  http://www.irf.com
Logo IRF - International Rectifier

IRLZ44NL データシート(HTML) 2 Page - International Rectifier

  IRLZ44NL Datasheet HTML 1Page - International Rectifier IRLZ44NL Datasheet HTML 2Page - International Rectifier IRLZ44NL Datasheet HTML 3Page - International Rectifier IRLZ44NL Datasheet HTML 4Page - International Rectifier IRLZ44NL Datasheet HTML 5Page - International Rectifier IRLZ44NL Datasheet HTML 6Page - International Rectifier IRLZ44NL Datasheet HTML 7Page - International Rectifier IRLZ44NL Datasheet HTML 8Page - International Rectifier IRLZ44NL Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
IRLZ44NS/L
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
55
–––
–––
V
VGS = 0V, ID = 250µA
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
–––
0.070 –––
V/°C
Reference to 25°C, ID = 1mA
…
–––
––– 0.022
VGS = 10V, ID = 25A
„
–––
––– 0.025
VGS = 5.0V, ID = 25A
„
–––
––– 0.035
VGS = 4.0V, ID = 21A
„
VGS(th)
Gate Threshold Voltage
1.0
–––
2.0
V
VDS = VGS, ID = 250µA
gfs
Forward Transconductance
21
–––
–––
S
VDS = 25V, ID = 25A
…
–––
–––
25
VDS = 55V, VGS = 0V
–––
–––
250
VDS = 44V, VGS = 0V, TJ = 150°C
Gate-to-Source Forward Leakage
–––
–––
100
nA
VGS = 16V
Gate-to-Source Reverse Leakage
–––
–––
-100
VGS = -16V
Qg
Total Gate Charge
–––
–––
48
ID = 25A
Qgs
Gate-to-Source Charge
–––
–––
8.6
nC
VDS = 44V
Qgd
Gate-to-Drain ("Miller") Charge
–––
–––
25
VGS = 5.0V, See Fig. 6 and 13
„…
td(on)
Turn-On Delay Time
–––
11
–––
VDD = 28V
tr
Rise Time
–––
84
–––
ID = 25A
td(off)
Turn-Off Delay Time
–––
26
–––
RG = 3.4Ω, VGS = 5.0V
tf
Fall Time
–––
15
–––
RD = 1.1Ω, See Fig. 10
„…
Between lead,
–––
–––
and center of die contact
Ciss
Input Capacitance
–––
1700 –––
VGS = 0V
Coss
Output Capacitance
–––
400
–––
pF
VDS = 25V
Crss
Reverse Transfer Capacitance
–––
150
–––
ƒ = 1.0MHz, See Fig. 5
…
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
nH
IGSS
RDS(on)
Static Drain-to-Source On-Resistance
LS
Internal Source Inductance
7.5
ns
IDSS
Drain-to-Source Leakage Current
µA
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
MOSFET symbol
(Body Diode)
–––
–––
showing the
ISM
Pulsed Source Current
integral reverse
(Body Diode)

–––
–––
p-n junction diode.
VSD
Diode Forward Voltage
–––
–––
1.3
V
TJ = 25°C, IS = 25A, VGS = 0V
„
trr
Reverse Recovery Time
–––
80
120
ns
TJ = 25°C, IF = 25A
Qrr
Reverse Recovery Charge
–––
210
320
nC
di/dt = 100A/µs
„…
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
Source-Drain Ratings and Characteristics
S
D
G
A
47
160
„ Pulse width ≤ 300µs; duty cycle ≤ 2%.
Notes:
… Uses IRLZ44N data and test conditions
** When mounted on 1" square PCB ( FR-4 or G-10 Material ).
For recommended footprint and soldering techniques refer to application note #AN-994.
ƒ I
SD ≤ 25A, di/dt ≤ 270A/µs, VDD ≤ V(BR)DSS,
TJ ≤ 175°C
‚ V
DD = 25V, starting TJ = 25°C, L =470µH
RG = 25Ω, IAS = 25A. (See Figure 12)
 Repetitive rating; pulse width limited by
max. junction temperature. ( See fig. 11 )


同様の部品番号 - IRLZ44NL

メーカー部品番号データシート部品情報
logo
International Rectifier
IRLZ44NL IRF-IRLZ44NL Datasheet
189Kb / 11P
   Logic-Level Gate Drive
More results

同様の説明 - IRLZ44NL

メーカー部品番号データシート部品情報
logo
International Rectifier
IRLZ44N IRF-IRLZ44N Datasheet
369Kb / 8P
   Power MOSFET(Vdss=55V, Rds(on)=0.022ohm, Id=47A)
IRF5Y3205CM IRF-IRF5Y3205CM Datasheet
103Kb / 7P
   POWER MOSFET N-CHANNEL(Vdss=55V, Rds(on)=0.022ohm, Id=18A*)
IRFPS43N50K IRF-IRFPS43N50K Datasheet
99Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)typ.=0.078ohm, Id=47A)
IRFZ24N IRF-IRFZ24N Datasheet
123Kb / 8P
   Power MOSFET (Vdss=55V, Rds(on)=0.07ohm, Id=17A)
IRFBA1405P IRF-IRFBA1405P Datasheet
238Kb / 9P
   Power MOSFET(Vdss=55V, Rds(on)=5.0mohm, Id=174A??
IRF3205S IRF-IRF3205S Datasheet
160Kb / 10P
   Power MOSFET(Vdss=55V, Rds(on)=8.0mohm, Id=110A??
IRFR2605 IRF-IRFR2605 Datasheet
345Kb / 8P
   Power MOSFET(Vdss=55V, Rds(on)=0.075ohm, Id=19A)
IRFP054N IRF-IRFP054N Datasheet
109Kb / 8P
   Power MOSFET(Vdss=55V, Rds(on)=0.012ohm, Id=81A??
IRFRU5505 IRF-IRFRU5505 Datasheet
108Kb / 10P
   Power MOSFET(Vdss=-55V, Rds(on)=0.11ohm, Id=-18A)
IRFI3205 IRF-IRFI3205 Datasheet
107Kb / 8P
   Power MOSFET(Vdss=55V, Rds(on)=0.008ohm, Id=64A)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com