データシートサーチシステム
  Japanese  ▼

Delete All
ON OFF
ALLDATASHEET.JP

X  

Preview PDF Download HTML

PVAZ172N データシート(PDF) 3 Page - International Rectifier

部品番号 PVAZ172N
部品情報  POWER MOSFET PHOTOVOLTAIC RELAY Microelectronic Power IC Relay Single Pole, Normally Open 0-60V AC, 1.0A
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IRF [International Rectifier]
ホームページ  http://www.irf.com
Logo IRF - International Rectifier

PVAZ172N データシート(HTML) 3 Page - International Rectifier

  PVAZ172N Datasheet HTML 1Page - International Rectifier PVAZ172N Datasheet HTML 2Page - International Rectifier PVAZ172N Datasheet HTML 3Page - International Rectifier PVAZ172N Datasheet HTML 4Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PVAZ172N PhotoVoltaic Relay
Figure 2. Typical Control Current
Requirements
Figure 3. Typical On-Characteristics
Figure 5. Typical Normalized Off-State Leakage
Figure 6. Input Characteristics
(Current Controlled)
Figure 1. Current Derating Curves
Figure 4. Typical On-Resistance
LED Forward Voltage Drop (Volts DC)
16
20
12
8
4
0
0.5
1.0
1.5
2.0
0
CAUTION: provide current limiting
so that 25 mA maximum s teady-
state control current rating is
not exceeded
Ambient Temperature (deg. C)
-35
-15
525
4565
85
105
100
30
10
3.0
1.0
0.3
0.1
60
0
-40
0
20
40
80
100
-20
Ambient Temperature (deg. C)
500
400
300
200
100
LED Control Current (mA)
0
1
5
4
3
2
1.25
1.00
0.75
0.50
0.25
+25 deg. C
+40 deg. C
+60 deg. C
+85 deg. C
Vds (V)
0
0.1
0
0.2
0.3
0.4
0.5
0.2
0.4
0.6
0.8
1.0
1.2
+25 deg. C
+60 deg. C
+85 deg. C
+40 deg. C
ILED = 10mA
0
Ambient Temperature (deg. C)
1.2
1.0
0.8
0.6
0.4
0.2
20
0
40
60
80
100
ILED = 10mA
ILED = 5mA (Typical)
INTERNATIONAL RECTIFIER
To Order
Next Data Sheet
Index
Previous Datasheet


Html Pages

1  2  3  4 


データシート ダウンロード

Go To PDF Page

関連電子部品番号

部品番号部品情報Html Viewメーカー
PVG612 Power MOSFET Photovoltaic Relay Microelectronic Power IC Relay Single Pole Normally Open 0-60V 1.0A AC/ 2.0 A DC 1  2  3  4  International Rectifier
PVDZ172N POWER MOSFET PHOTOVOLTAIC RELAY Microelectronic Power IC Relay Single Pole Normally Open 0-60V DC 1.5A 1  2  3  4  International Rectifier
PVG613 HEXFET Power MOSFET Photovoltaic Relay Single Pole Normally Open 0-60V 1.0A AC/ 2.0 A DC 1  2  3  4  5  International Rectifier
PVN012 Power MOSFET Photovoltaic Relay Microelectronic Power IC Relay Single Pole Normally Open 0-20V 2.5A AC/ 4.5A DC 1  2  3  4  International Rectifier
PVO402P POWER MOSFET PHOTOVOLTAIC RELAY Microelectronic Power IC Relay Dual Pole Normally Open Ring Detector 0-400V 120mA AC/DC 1  2  3  4  5  More International Rectifier
PVT312 Microelectronic Power IC Relay Single Pole Normally Open 0-250V 190mA AC/DC 1  2  3  4  International Rectifier
PVT412 Microelectronic Power IC Relay Single Pole Normally Open 0-400V 140mA AC/DC 1  2  3  4  5  International Rectifier
PVU414 Microelectronic Power IC Relay Single Pole Normally Open 0-400V 140mA AC/DC 1  2  3  4  International Rectifier
PVT442 Microelectronic Power IC HEXFET Power MOSFET Relay Single Pole Normally Closed 0-400V 170mA AC/DC 1  2  3  4  5  International Rectifier
PVT322 Microelectronic Power IC Relay Dual Pole Normally Open 0-250V 170mA AC/DC 1  2  3  4  International Rectifier

リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn