データシートサーチシステム
  Japanese  ▼

Delete All
ON OFF
ALLDATASHEET.JP

X  

Preview PDF Download HTML

PVAZ172N データシート(PDF) 4 Page - International Rectifier

部品番号 PVAZ172N
部品情報  POWER MOSFET PHOTOVOLTAIC RELAY Microelectronic Power IC Relay Single Pole, Normally Open 0-60V AC, 1.0A
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IRF [International Rectifier]
ホームページ  http://www.irf.com
Logo IRF - International Rectifier

PVAZ172N データシート(HTML) 4 Page - International Rectifier

  PVAZ172N Datasheet HTML 1Page - International Rectifier PVAZ172N Datasheet HTML 2Page - International Rectifier PVAZ172N Datasheet HTML 3Page - International Rectifier PVAZ172N Datasheet HTML 4Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, Tel: (310) 322 3331
EUROPEAN HEADQUARTERS: Hurst Green, Oxted, Surrey RH8 9BB, UK Tel: (44) 0883 713215
IR CANADA: 7321 Victoria Park Ave., Suite 201, Markham, Ontario L3R 3L1, Tel: (905) 475 1897
IR GERMANY: Saalburgstrasse 157, 61350 Bad Homburg Tel: 6172 37066
IR ITALY: Via Liguria 49, 10071 Borgaro, Torino Tel: (39) 1145 10111
IR FAR EAST: K&H Bldg., 2F, 3-30-4 Nishi-Ikeburo 3-Chome, Toshima-Ki, Tokyo 171 Tel: (03)3983 0641
IR SOUTHEAST ASIA: 315 Outram Road, #10-02 Tan Boon Liat Building, Singapore 0316 Tel: 65 221 8371
hhtp://www/irf.com/
Data and specifications subject to change without notice.4/96
Figure 7. Typical Delay Times
Figure 8. Delay Time Definitions
Figure 9. Typical Output Capacitance
90 %
10 %
I
I LE D
D
tdly
ton
tof f
Delay Time (microseconds)
50
100
200
500
20
1000
2000
20
10
5
3
toff
tdly
ton
Vds, Drain to Source Voltage (V)
10
020
30
40
50
0
450
600
300
150
Mechanical Specifications
(Dimensions in millimeters (inches)
Dimensions: mm (Inches)
Package Size: 8 Pin DIP
Tolerances: .015 (.38)
unless otherwise specified
Case Material: Molded epoxy
Weight: .07 oz. (2 grams)
PVAZ172N PhotoVoltaic Relay
INTERNATIONAL RECTIFIER
To Order
Next Data Sheet
Index
Previous Datasheet


Html Pages

1  2  3  4 


データシート ダウンロード

Go To PDF Page

関連電子部品番号

部品番号部品情報Html Viewメーカー
PVG612 Power MOSFET Photovoltaic Relay Microelectronic Power IC Relay Single Pole Normally Open 0-60V 1.0A AC/ 2.0 A DC 1  2  3  4  International Rectifier
PVDZ172N POWER MOSFET PHOTOVOLTAIC RELAY Microelectronic Power IC Relay Single Pole Normally Open 0-60V DC 1.5A 1  2  3  4  International Rectifier
PVG613 HEXFET Power MOSFET Photovoltaic Relay Single Pole Normally Open 0-60V 1.0A AC/ 2.0 A DC 1  2  3  4  5  International Rectifier
PVN012 Power MOSFET Photovoltaic Relay Microelectronic Power IC Relay Single Pole Normally Open 0-20V 2.5A AC/ 4.5A DC 1  2  3  4  International Rectifier
PVO402P POWER MOSFET PHOTOVOLTAIC RELAY Microelectronic Power IC Relay Dual Pole Normally Open Ring Detector 0-400V 120mA AC/DC 1  2  3  4  5  More International Rectifier
PVT312 Microelectronic Power IC Relay Single Pole Normally Open 0-250V 190mA AC/DC 1  2  3  4  International Rectifier
PVT412 Microelectronic Power IC Relay Single Pole Normally Open 0-400V 140mA AC/DC 1  2  3  4  5  International Rectifier
PVU414 Microelectronic Power IC Relay Single Pole Normally Open 0-400V 140mA AC/DC 1  2  3  4  International Rectifier
PVT442 Microelectronic Power IC HEXFET Power MOSFET Relay Single Pole Normally Closed 0-400V 170mA AC/DC 1  2  3  4  5  International Rectifier
PVT322 Microelectronic Power IC Relay Dual Pole Normally Open 0-250V 170mA AC/DC 1  2  3  4  International Rectifier

リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn