データシートサーチシステム
  Japanese  ▼

Delete All
ON OFF
ALLDATASHEET.JP

X  

Preview PDF Download HTML

PVAZ172N データシート(PDF) 1 Page - International Rectifier

部品番号 PVAZ172N
部品情報  POWER MOSFET PHOTOVOLTAIC RELAY Microelectronic Power IC Relay Single Pole, Normally Open 0-60V AC, 1.0A
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IRF [International Rectifier]
ホームページ  http://www.irf.com
Logo IRF - International Rectifier

PVAZ172N データシート(HTML) 1 Page - International Rectifier

  PVAZ172N Datasheet HTML 1Page - International Rectifier PVAZ172N Datasheet HTML 2Page - International Rectifier PVAZ172N Datasheet HTML 3Page - International Rectifier PVAZ172N Datasheet HTML 4Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data Sheet No. 1.040
PVAZ172N
Microelectronic
Power IC Relay
Single Pole, Normally Open
0-60V AC, 1.0A
HEXFET® POWER MOSFET PHOTOVOLTAIC RELAY
General Description
The PVAZ172N Photovoltaic Relay is a single-
pole, normally open solid state relay that can
replace electromechanical relays used for gen-
eral purpose switching of DC and AC loads. It
utilizes International Rectifier’s HEXFET power
MOSFETs as the output switches, driven by an
integrated circuit photovoltaic generator of novel
construction. The output switch is controlled by
radiation from a GaAlAs light emitting diode
(LED) which is optically isolated from the
photovoltaic generator.
These units overcome the limitations of both
electromechanical and reed relays by offering
the solid-state advantages of high sensitivity,
miniaturization, no contact bounce, long opera-
tional life, insensitivity to external magnetic fields,
shock and vibration, and high reliability inherent
with solid state technology. They are ideally
suited for switching high currents or low level
signals without distortion or injection of electri-
cal noise.
These relays are packaged in 8-pin, molded
DIP packages and available with thru-hole and
SMT (gull-wing) leads, in plastic shipping tubes.
PVAZ172N Features
500m
Ω On-Resistance sssss
Bounce-free Operation s
s
s
s
s
1.0 Amp capacity s
s
s
s
s
4000 VRMS I/O isolation s
s
s
s
s
Solid-State reliability s
s
s
s
s
UL recognition and CSA certification pending s
s
s
s
s
Applications
Portable Electronics s
s
s
s
s
Programmable Logic Controllers s
s
s
s
s
Computers and Peripheral Devices s
s
s
s
s
Audio Equipment s
s
s
s
s
Power Supplies and Power Distribution s
s
s
s
s
Instrumentation s
s
s
s
s
Part Identification
PVAZ172N
thru-hole
PVAZ172NS
SMT (gull-wing)
(HEXFET is the registered trademark for International Rectifier Power MOSFETs)
Next Data Sheet
Index
Previous Datasheet
To Order


Html Pages

1  2  3  4 


データシート ダウンロード

Go To PDF Page

関連電子部品番号

部品番号部品情報Html Viewメーカー
PVG612 Power MOSFET Photovoltaic Relay Microelectronic Power IC Relay Single Pole Normally Open 0-60V 1.0A AC/ 2.0 A DC 1  2  3  4  International Rectifier
PVDZ172N POWER MOSFET PHOTOVOLTAIC RELAY Microelectronic Power IC Relay Single Pole Normally Open 0-60V DC 1.5A 1  2  3  4  International Rectifier
PVG613 HEXFET Power MOSFET Photovoltaic Relay Single Pole Normally Open 0-60V 1.0A AC/ 2.0 A DC 1  2  3  4  5  International Rectifier
PVN012 Power MOSFET Photovoltaic Relay Microelectronic Power IC Relay Single Pole Normally Open 0-20V 2.5A AC/ 4.5A DC 1  2  3  4  International Rectifier
PVO402P POWER MOSFET PHOTOVOLTAIC RELAY Microelectronic Power IC Relay Dual Pole Normally Open Ring Detector 0-400V 120mA AC/DC 1  2  3  4  5  More International Rectifier
PVT312 Microelectronic Power IC Relay Single Pole Normally Open 0-250V 190mA AC/DC 1  2  3  4  International Rectifier
PVT412 Microelectronic Power IC Relay Single Pole Normally Open 0-400V 140mA AC/DC 1  2  3  4  5  International Rectifier
PVU414 Microelectronic Power IC Relay Single Pole Normally Open 0-400V 140mA AC/DC 1  2  3  4  International Rectifier
PVT442 Microelectronic Power IC HEXFET Power MOSFET Relay Single Pole Normally Closed 0-400V 170mA AC/DC 1  2  3  4  5  International Rectifier
PVT322 Microelectronic Power IC Relay Dual Pole Normally Open 0-250V 170mA AC/DC 1  2  3  4  International Rectifier

リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn