データシートサーチシステム
  Japanese  ▼

Delete All
ON OFF
ALLDATASHEET.JP

X  

Preview PDF Download HTML

PVDZ172N データシート(PDF) 2 Page - International Rectifier

部品番号 PVDZ172N
部品情報  POWER MOSFET PHOTOVOLTAIC RELAY Microelectronic Power IC Relay Single Pole, Normally Open 0-60V DC, 1.5A
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IRF [International Rectifier]
ホームページ  http://www.irf.com
Logo IRF - International Rectifier

PVDZ172N データシート(HTML) 2 Page - International Rectifier

  PVDZ172N Datasheet HTML 1Page - International Rectifier PVDZ172N Datasheet HTML 2Page - International Rectifier PVDZ172N Datasheet HTML 3Page - International Rectifier PVDZ172N Datasheet HTML 4Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PVDZ172N Photovoltaic Relay
Electrical Specifications (-40°C
≤ TA ≤ =+85°C unless otherwise specified)
INPUT CHARACTERISTICS
Limits
Units
Min. Control Current (see Figures 1 and 2)
10
mA
Max. Control Current for Off-State Resistance @ TA=+25°C
0.4
mA
Control Current Range (Caution: Current limit input LED, see Fig.6)
5.0 to 25
mA
Max. Reverse Voltage
7.0
V
OUTPUT CHARACTERISTICS
Operating Voltage Range
0 to 60
V(DC)
Max. Load Current 40° C (See Fig. 1 and 2)
1.5
A(DC)
Max. Pulsed Load Current @TA=+25°C (100 ms @ 10% duty Cycle)
4.0
A(DC)
Max. Turn-On Time @TA=+25°C (see Fig. 7)
2.0
ms
For 500mA, 50VDC Load, 10mA Control
Max. Turn-Off Time @TA=+25°C (see Fig. 7)
0.5
ms
For 500mA, 50VDC Load, 10mA Control
Max. On State Resistance @TA=+25°C(pulsed) (See Fig. 4)
250
m
1.0A Load, 10mA Control
Min. Off State Resistance @TA=+25°C @ 48 VDC (see Fig. 5)
108
Ohms
Min. Off-State dv/dt
1000
V/
µs
Output Capacitance (See Fig. 9)
150
pF @ 50 VDC
GENERAL CHARACTERISTICS
Limits
Units
Dielectric Strength, Input-Output
4000
V(RMS)
Insulation Resistance, Input-Output , 90 VDC
1012 @TA=+25°C - 50% RH
Capacitance, Input-Output
1.0
pF
Lead Temperature (1.6mm below seating plane) for 10 sec.
+260
°C
Ambient Temperature Range:
Operating
-40 to +85
°C
Storage
-40 to +100
°C
(HEXFET is the registered trademark for International Rectifier Power MOSFETs)
Wiring Diagrams
Electromechanical
Analogy
Schematic
Anode
Cathode
Source
Drain
5
8
DC
INTERNATIONAL RECTIFIER
Next Data Sheet
Index
Previous Datasheet
To Order


Html Pages

1  2  3  4 


データシート ダウンロード

Go To PDF Page

関連電子部品番号

部品番号部品情報Html Viewメーカー
PVAZ172N POWER MOSFET PHOTOVOLTAIC RELAY Microelectronic Power IC Relay Single Pole Normally Open 0-60V AC 1.0A 1  2  3  4  International Rectifier
PVG612 Power MOSFET Photovoltaic Relay Microelectronic Power IC Relay Single Pole Normally Open 0-60V 1.0A AC/ 2.0 A DC 1  2  3  4  International Rectifier
PVG613 HEXFET Power MOSFET Photovoltaic Relay Single Pole Normally Open 0-60V 1.0A AC/ 2.0 A DC 1  2  3  4  5  International Rectifier
PVN012 Power MOSFET Photovoltaic Relay Microelectronic Power IC Relay Single Pole Normally Open 0-20V 2.5A AC/ 4.5A DC 1  2  3  4  International Rectifier
PVO402P POWER MOSFET PHOTOVOLTAIC RELAY Microelectronic Power IC Relay Dual Pole Normally Open Ring Detector 0-400V 120mA AC/DC 1  2  3  4  5  More International Rectifier
PVT442 Microelectronic Power IC HEXFET Power MOSFET Relay Single Pole Normally Closed 0-400V 170mA AC/DC 1  2  3  4  5  International Rectifier
PVT312 Microelectronic Power IC Relay Single Pole Normally Open 0-250V 190mA AC/DC 1  2  3  4  International Rectifier
PVT412 Microelectronic Power IC Relay Single Pole Normally Open 0-400V 140mA AC/DC 1  2  3  4  5  International Rectifier
PVU414 Microelectronic Power IC Relay Single Pole Normally Open 0-400V 140mA AC/DC 1  2  3  4  International Rectifier
PVD1352 Microelectronic Power IC PHOTOVOLTAIC RELAY SINGLE POLE 500MA 0-100V DC 1  2  3  4  5  More International Rectifier

リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn