データシートサーチシステム
  Japanese  ▼

Delete All
ON OFF
ALLDATASHEET.JP

X  

Preview PDF Download HTML

PVN012 データシート(PDF) 3 Page - International Rectifier

部品番号 PVN012
部品情報  Power MOSFET Photovoltaic Relay Microelectronic Power IC Relay Single Pole, Normally Open, 0-20V, 2.5A AC/ 4.5A DC
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IRF [International Rectifier]
ホームページ  http://www.irf.com
Logo IRF - International Rectifier

PVN012 データシート(HTML) 3 Page - International Rectifier

  PVN012 Datasheet HTML 1Page - International Rectifier PVN012 Datasheet HTML 2Page - International Rectifier PVN012 Datasheet HTML 3Page - International Rectifier PVN012 Datasheet HTML 4Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Series PVN012 — HEXFET® Photovoltaic Relay
Vdd, Drain to Drain Voltage (V)
0
5
10
15
20
800
600
400
200
0
"A" Connection
1000
Ambient Temperature (deg. C)
20
40
60
80
100
0
1.0
2.0
0
3.0
I LED
5 mA
3 mA
=
"A" Connection
0.5
1.5
2.5
ILED =
Figure 1. Current Derating Curves*
Figure 2.Typical Output Capacitance
0.05
0.10
0.15
0.20
0.25
-0.05
-0.10
-0.15
-0.20
-0.25
-0.5
-1.0
-1.5
-2.0
0.5
1.0
1.5
2.5
Connection "A" Voltage Drop (Vdd)
-2.5
2.0
0
0
5 mA Control @ 25°C, pulsed
Ambient Temperature (deg. C)
2.5
2.0
1.5
1.0
0.5
0
-50
-25
0
25
50
75
100
125
5 mA Control
"A" Connection
ID = 1 A
Ambient Temperature (deg. C)
-35
-15
5
254565
85105
100
30
10
3.0
1.0
0.3
0.1
16
20
12
8
4
0
0
CAUTION: provide current
limiting so that 25mA
maximum steady state
control current rating is
not exceeded.
0
0.5
1.0
1.5
2.0
LED Forward Voltage Drop (Volts DC)
Figure 3. Linearity Characteristics
Figure 4. Typical Normalized On-Resistance
Figure 5. Typical Normalized Off-State
Figure 6. Input Characteristics
(Current Controlled)
* Derating of ‘B’ and ‘C’ connection at +85°C will be 70% of that
specified at +40°C and is linear from +40°C to +85°C.
Leakage
To Order
Next Data Sheet
Index
Previous Datasheet


Html Pages

1  2  3  4 


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn