データシートサーチシステム |
|
SD1100C20C データシート(PDF) 1 Page - International Rectifier |
|
SD1100C20C データシート(HTML) 1 Page - International Rectifier |
1 / 7 page SD1100C..C SERIES STANDARD RECOVERY DIODES Hockey Puk Version 1400A Bulletin I2072/B Features Wide current range High voltage ratings up to 3200V High surge current capabilities Diffused junction Hockey Puk version Case style B-43 Typical Applications Converters Power supplies Machine tool controls High power drives Medium traction applications Parameters Units SD1100C..C 04 to 20 25 to 32 I F(AV) 1400 1100 A @ T hs 55 55 °C I F(RMS) 2500 2000 A @ T hs 25 25 °C I FSM @ 50Hz 13000 10500 A @ 60Hz 13600 11000 A I 2t @ 50Hz 846 551 KA 2s @ 60Hz 772 503 KA 2s V RRM range 400 to 2000 2500 to 3200 V T J - 40 to 180 - 40 to 150 °C Major Ratings and Characteristics case style B-43 Next Data Sheet Index Previous Datasheet To Order |
同様の部品番号 - SD1100C20C |
|
同様の説明 - SD1100C20C |