データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SD300N20PC データシート(PDF) 3 Page - International Rectifier

部品番号 SD300N20PC
部品情報  STANDARD RECOVERY DIODES Stud Version
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IRF [International Rectifier]
ホームページ  http://www.irf.com
Logo IRF - International Rectifier

SD300N20PC データシート(HTML) 3 Page - International Rectifier

  SD300N20PC Datasheet HTML 1Page - International Rectifier SD300N20PC Datasheet HTML 2Page - International Rectifier SD300N20PC Datasheet HTML 3Page - International Rectifier SD300N20PC Datasheet HTML 4Page - International Rectifier SD300N20PC Datasheet HTML 5Page - International Rectifier SD300N20PC Datasheet HTML 6Page - International Rectifier SD300N20PC Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
SD300N/R Series
3
www.irf.com
Bulletin I2081 rev. C 03/03
SD300N/R
16 to 20
25 to 32
T
J
Max. junction operating temperature range
-40 to 180
-40 to 150
T
stg
Max. storage temperature range
-55 to 200
-55 to 200
R
thJC
Max. thermal resistance, junction to case
0.11
DC operation
R
thCS
Max. thermal resistance, case
Mounting surface, smooth, flat and
to heatsink
greased
T
Max. allowed mounting torque ±10%
27
Nm
Not lubricated threads
wt
Approximate weight
250
g
Case style
DO-205AB (DO-9)
See Outline Table
°C
K/W
0.04
Thermal and Mechanical Specifications
Parameter
Units
Conditions
16 to 20
25 to 32
16 to 20
25 to 32
180°
0.019
0.019
0.013
0.013
120°
0.023
0.023
0.023
0.023
90°
0.028
0.028
0.030
0.030
K/W
T
J
= T
J
max.
60°
0.042
0.042
0.044
0.044
30°
0.073
0.073
0.074
0.074
Sinusoidal conduction Rectangular conduction
Conduction angle
Units
Conditions
Ordering Information Table
1
23
6
Device Code
SD
30
0
N
32
P
C
4
5
7
1
-
Diode
2
-
Essential part number
3
-
0 = Standard recovery
4
-
N = Stud Normal Polarity (Cathode to Stud)
R = Stud Reverse Polarity (Anode to Stud)
5
-
Voltage code: Code x 100 = V
RRM
(See Voltage Ratings table)
6
-
P = Stud base DO-205AB (DO-9) 3/4" 16UNF-2A
7
-
C = Ceramic Housing
NOTE: For metric Device M16 x 1.5 Contact Factory
∆R
thJC
Conduction
(The following table shows the increment of thermal resistence R
thJC
when devices operate at different conduction angles than DC)


同様の部品番号 - SD300N20PC

メーカー部品番号データシート部品情報
logo
New Jersey Semi-Conduct...
SD300N20PC NJSEMI-SD300N20PC Datasheet
149Kb / 1P
   Standard Recovery
More results

同様の説明 - SD300N20PC

メーカー部品番号データシート部品情報
logo
International Rectifier
SD600N IRF-SD600N Datasheet
264Kb / 8P
   STANDARD RECOVERY DIODES Stud Version
SD150N IRF-SD150N Datasheet
211Kb / 7P
   STANDARD RECOVERY DIODES Stud Version
70300U IRF-70300U Datasheet
210Kb / 7P
   STANDARD RECOVERY DIODES Stud Version
SD500N IRF-SD500N Datasheet
191Kb / 6P
   STANDARD RECOVERY DIODES Stud Version
200HF IRF-200HF Datasheet
180Kb / 6P
   STANDARD RECOVERY DIODES Stud Version
130HF IRF-130HF Datasheet
309Kb / 6P
   STANDARD RECOVERY DIODES Stud Version
logo
Naina Semiconductor ltd...
25NS NAINA-25NS Datasheet
109Kb / 2P
   Standard Recovery Diodes (Stud Version)
16NS NAINA-16NS Datasheet
114Kb / 2P
   Standard Recovery Diodes (Stud Version)
55NS NAINA-55NS Datasheet
113Kb / 2P
   Standard Recovery Diodes (Stud Version)
12NS NAINA-12NS_1 Datasheet
117Kb / 2P
   Standard Recovery Diodes (Stud Version)
16NS NAINA-16NS_11 Datasheet
115Kb / 2P
   Standard Recovery Diodes (Stud Version)
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com