データシートサーチシステム |
|
SD203N04S10PBC データシート(PDF) 6 Page - International Rectifier |
|
SD203N04S10PBC データシート(HTML) 6 Page - International Rectifier |
6 / 9 page SD203N/R Series 6 www.irf.com Bulletin I2064 rev. A 09/94 Fig. 1 - Current Ratings Characteristics Fig. 2 - Current Ratings Characteristics Fig. 3 - Forward Power Loss Characteristics Fig. 4 - Forward Power Loss Characteristics Fig. 6 - Maximum Non-repetitive Surge Current Fig. 5 - Maximum Non-repetitive Surge Current 70 80 90 100 110 120 130 0 40 80 120 160 200 240 30° 60° 90° 120° 180° Average Forward Current (A) Conduction Angle SD203N/R Series R (DC) = 0.115 K/W thJC 70 80 90 100 110 120 130 0 50 100 150 200 250 300 350 30° 60° 90° 180° DC 120° Average Forward Current (A) Conduction Period SD203N/R Series R (DC) = 0.115 K/W thJC 0 50 100 150 200 250 300 350 0 50 100 150 200 180° 120° 90° 60° 30° Average Forward Current (A) RMS Limit Conduction Angle SD203N/R Series T = 125°C J 0 50 100 150 200 250 300 350 400 450 500 550 0 50 100 150 200 250 300 350 DC 180° 120° 90° 60° 30° Average Forward Current (A) RMS Limit Conduction Period SD203N/R Series T = 125°C J 1000 1500 2000 2500 3000 3500 4000 4500 5000 110 100 Number Of Equal Amplitude Half Cycle Current Pulses (N) SD203N/R Series Initial T = 125°C @ 60 Hz 0.0083 s @ 50 Hz 0.0100 s J At Any Rated Load Condition And With Rated V Applied Following Surge. RRM 1000 1500 2000 2500 3000 3500 4000 4500 5000 5500 0.01 0.1 1 Pulse Train Duration (s) Initial T = 125 °C No Voltage Reapplied Rated V Reapplied RRM J SD203N/R Series Versus Pulse Train Duration. Maximum Non Repetitive Surge Current |
同様の部品番号 - SD203N04S10PBC |
|
同様の説明 - SD203N04S10PBC |