データシートサーチシステム |
|
SD303C25S20 データシート(PDF) 1 Page - International Rectifier |
|
SD303C25S20 データシート(HTML) 1 Page - International Rectifier |
1 / 8 page SD303C..C SERIES FAST RECOVERY DIODES Hockey Puk Version 350A D-655 Bulletin I2066/B Features High power FAST recovery diode series 1.0 to 2.0 µs recovery time High voltage ratings up to 2500V High current capability Optimized turn on and turn off characteristics Low forward recovery Fast and soft reverse recovery Press-puk encapsulation Case style conform to JEDEC DO-200AA Maximum junction temperature 125°C Typical Applications Snubber diode for GTO High voltage free-wheeling diode Fast recovery rectifier applications Major Ratings and Characteristics I F(AV) 350 A @ T hs 55 °C I F(RMS) 550 A @ T hs 25 °C I FSM @ 50Hz 5770 A @ 60Hz 6040 A I 2t @ 50Hz 166 KA 2s @ 60Hz 152 KA 2s V RRM range 400 to 2500 V t rr range 1.0 to 2.0 µs @ T J 25 °C T J - 40 to 125 °C Parameters SD303C..C Units case style DO-200AA Next Data Sheet Index Previous Datasheet To Order |
同様の部品番号 - SD303C25S20 |
|
同様の説明 - SD303C25S20 |