データシートサーチシステム |
|
SD203N10S10MV データシート(PDF) 1 Page - International Rectifier |
|
SD203N10S10MV データシート(HTML) 1 Page - International Rectifier |
1 / 9 page 200A FAST RECOVERY DIODES Stud Version SD203N/R SERIES 1 Bulletin I2064 rev. A 09/94 www.irf.com Features High power FAST recovery diode series 1.0 to 2.0 µs recovery time High voltage ratings up to 2500V High current capability Optimized turn on and turn off characteristics Low forward recovery Fast and soft reverse recovery Compression bonded encapsulation Stud version JEDEC DO-205AB (DO-9) Maximum junction temperature 125°C TypicalApplications Snubber diode for GTO High voltage free-wheeling diode Fast recovery rectifier applications I F(AV) 200 A @ T C 85 °C I F(RMS) 314 A I FSM @ 50Hz 4990 A @ 60Hz 5230 A I2t@ 50Hz 125 KA2s @ 60Hz 114 KA2s V RRM range 400 to 2500 V t rr range 1.0 to 2.0 µs @ T J 25 °C T J - 40 to 125 °C Parameters SD203N/R Units Major Ratings and Characteristics case style DO-205AB (DO-9) |
同様の部品番号 - SD203N10S10MV |
|
同様の説明 - SD203N10S10MV |