データシートサーチシステム |
|
ST230C14C0 データシート(PDF) 5 Page - International Rectifier |
|
ST230C14C0 データシート(HTML) 5 Page - International Rectifier |
5 / 7 page ST230C..C Series 5 Bulletin I25162 rev. D 04/03 www.irf.com Outline Table Case Style TO-200AB (A-PUK) All dimensions in millimeters (inches) Fig. 1 - Current Ratings Characteristics Fig. 2 - Current Ratings Characteristics DIA. MAX. 4.75 (0.19) 28 (1.10) 6.5 (0.26) 19 (0.75) 0.3 (0.01) MIN. 0.3 (0.01) MIN. 13.7 / 14.4 (0.54 / 0.57) 25°±5° GATE TERM. FOR 1.47 (0.06) DIA. PIN RECEPTACLE ANODE TO GATE CREEPAGE DISTANCE: 7.62 (0.30) MIN. STRIKE DISTANCE: 7.12 (0.28) MIN. 19 (0.75) DIA. MAX. 38 (1.50) DIA MAX. 2 HOLES 3.56 (0.14) x 1.83 (0.07) MIN. DEEP 42 (1.65) MAX. Quote between upper and lower pole pieces has to be considered after application of Mounting Force (see Thermal and Mechanical Specification) Average On-state Current (A) Average On-state Current (A) 40 50 60 70 80 90 00 10 20 30 0 40 80 120 160 200 240 280 320 30˚ 60˚ 90˚ 120˚ 180˚ Conduction Angle ST230C..C Series (Single Side Cooled) R (DC) = 0.17 K/W thJ-hs 20 30 40 50 60 70 80 90 00 10 20 30 0 100 200 300 400 500 DC 30˚ 60˚ 90˚ 120˚ 180˚ Conduction Period ST230C..C Series (Single Side Cooled) R (DC) = 0.17 K/W thJ-hs |
同様の部品番号 - ST230C14C0 |
|
同様の説明 - ST230C14C0 |