データシートサーチシステム |
|
ST230C16C1L データシート(PDF) 1 Page - International Rectifier |
|
ST230C16C1L データシート(HTML) 1 Page - International Rectifier |
1 / 7 page Features Center amplifying gate Metal case with ceramic insulator International standard case TO-200AB (A-PUK) Typical Applications DC motor controls Controlled DC power supplies AC controllers I T(AV) 410 A @ T hs 55 °C I T(RMS) 780 A @ T hs 25 °C I TSM @ 50Hz 5700 A @ 60Hz 5970 A I2t@ 50Hz 163 KA2s @ 60Hz 149 KA2s V DRM /V RRM 400 to 2000 V t q typical 100 µs T J - 40 to 125 °C Parameters ST230C..C Units Major Ratings and Characteristics case style TO-200AB (A-PUK) 410A PHASE CONTROL THYRISTORS Hockey Puk Version ST230C..C SERIES 1 Bulletin I25162 rev. D 04/03 www.irf.com |
同様の部品番号 - ST230C16C1L |
|
同様の説明 - ST230C16C1L |