データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SD203R12S15PSC データシート(PDF) 2 Page - International Rectifier

部品番号 SD203R12S15PSC
部品情報  FAST RECOVERY DIODES Stud Version
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IRF [International Rectifier]
ホームページ  http://www.irf.com
Logo IRF - International Rectifier

SD203R12S15PSC データシート(HTML) 2 Page - International Rectifier

  SD203R12S15PSC Datasheet HTML 1Page - International Rectifier SD203R12S15PSC Datasheet HTML 2Page - International Rectifier SD203R12S15PSC Datasheet HTML 3Page - International Rectifier SD203R12S15PSC Datasheet HTML 4Page - International Rectifier SD203R12S15PSC Datasheet HTML 5Page - International Rectifier SD203R12S15PSC Datasheet HTML 6Page - International Rectifier SD203R12S15PSC Datasheet HTML 7Page - International Rectifier SD203R12S15PSC Datasheet HTML 8Page - International Rectifier SD203R12S15PSC Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
SD203N/R Series
2
www.irf.com
Bulletin I2064 rev. A 09/94
ELECTRICAL SPECIFICATIONS
Voltage Ratings
Voltage
V
RRM
max. repetitive
V
RSM
, maximum non-
I
RRM
max.
Type number
Code
peak and off-state voltage
repetitive peak voltage
T
J
= 125°C
VV
mA
04
400
500
SD203N/R..S10
08
800
900
10
1000
1100
12
1200
1300
SD203N/R..S15
14
1400
1500
16
1600
1700
20
2000
2100
25
2500
2600
SD203N/R..S20
I
F(AV)
Max. average forward current
200
A
180° conduction, half sine wave.
@ Case temperature
85
°C
I
F(RMS) Max. RMS current
314
A
DC @ 76°C case temperature
I
FSM
Max. peak, one-cycle
4990
t = 10ms
No voltage
non-repetitive forward current
5230
t = 8.3ms
reapplied
4200
t = 10ms
100% V
RRM
4400
t = 8.3ms
reapplied
Sinusoidal half wave,
I2t
Maximum I2t for fusing
125
t = 10ms
No voltage
Initial T
J
= T
J
max.
114
t = 8.3ms
reapplied
88
t = 10ms
100% V
RRM
81
t = 8.3ms
reapplied
I2
√t
Maximum I2
√t for fusing
1250
KA2
√s t = 0.1 to 10ms, no voltage reapplied
V
F(TO)1
Low level of threshold voltage
1.00
(16.7% x
π x I
F(AV)
< I <
π x I
F(AV)
), T
J
= T
J
max.
V
F(TO)
2
High level of threshold voltage
1.47
(I >
π x I
F(AV)
), T
J
= T
J
max.
r
f1
Low level of forward slope resistance
1.10
(16.7% x
π x I
F(AV) < I < π x IF(AV)), TJ = TJ max.
r
f2
High level of forward slope resistance
0.46
(I >
π x I
F(AV)
), T
J
= T
J
max.
V
FM
Max. forward voltage
1.65
V
Ipk= 628A, T
J = 25°C, tp = 400 µs square pulse
Parameter
SD203N/R
Units
Conditions
Forward Conduction
KA
2s
A
m
V
Test conditions
Max. values @ T
J
= 125 °C
Recovery Characteristics
typical t
rr
I
pk
di/dt
V
r
t
rr
Q
rr
I
rr
@ 25% I
RRM
Square Pulse
@ 25% I
RRM
T
J
= 25 oC
S10
1.0
2.4
52
33
S15
1.5
2.9
90
44
S20
2.0
3.2
107
46
750
25
- 30
Code
(
µs)
(A)
(A/
µs)
(V)
(
µs)
(
µC)
(A)
35


同様の部品番号 - SD203R12S15PSC

メーカー部品番号データシート部品情報
logo
Calogic, LLC
SD203DC CALOGIC-SD203DC Datasheet
27Kb / 2P
   High-Speed Analog N-Channel Enhancement-Mode DMOS FETS
SD203DC CALOGIC-SD203DC Datasheet
34Kb / 2P
   High-Speed Analog N-Channel Enhancement-Mode
SD203DC CALOGIC-SD203DC Datasheet
34Kb / 2P
   High-Speed Analog N-Channel Enhancement-Mode
logo
TRANSYS Electronics Lim...
SD203N TEL-SD203N Datasheet
158Kb / 1P
   Super Fast Recovery Rectifier
logo
Vishay Siliconix
SD203N/R04S10 VISHAY-SD203N/R04S10 Datasheet
258Kb / 10P
   Fast Recovery Diodes (Stud Version), 200 A
Revision: 08-Apr-08
More results

同様の説明 - SD203R12S15PSC

メーカー部品番号データシート部品情報
logo
International Rectifier
SD253N IRF-SD253N Datasheet
139Kb / 7P
   FAST RECOVERY DIODES Stud Version
logo
Naina Semiconductor ltd...
12NSF NAINA-12NSF Datasheet
105Kb / 2P
   Fast Recovery Diodes (Stud Version)
40-NSFR NAINA-40-NSFR Datasheet
102Kb / 2P
   Fast Recovery Diodes (Stud Version)
logo
International Rectifier
SD103N IRF-SD103N Datasheet
129Kb / 9P
   FAST RECOVERY DIODES Stud Version
SD153N IRF-SD153N Datasheet
463Kb / 8P
   FAST RECOVERY DIODES Stud Version
SD233N IRF-SD233N Datasheet
418Kb / 8P
   FAST RECOVERY DIODES Stud Version
logo
Naina Semiconductor ltd...
40NSF NAINA-40NSF Datasheet
105Kb / 2P
   Fast Recovery Diodes (Stud Version)
16NSF NAINA-16NSF Datasheet
105Kb / 2P
   Fast Recovery Diodes (Stud Version)
70NSF NAINA-70NSF Datasheet
105Kb / 2P
   Fast Recovery Diodes (Stud Version)
logo
International Rectifier
SD453N IRF-SD453N Datasheet
518Kb / 6P
   FAST RECOVERY DIODES Stud Version
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com