データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SD253N12S15PSV データシート(PDF) 6 Page - International Rectifier

部品番号 SD253N12S15PSV
部品情報  FAST RECOVERY DIODES Stud Version
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IRF [International Rectifier]
ホームページ  http://www.irf.com
Logo IRF - International Rectifier

SD253N12S15PSV データシート(HTML) 6 Page - International Rectifier

  SD253N12S15PSV Datasheet HTML 1Page - International Rectifier SD253N12S15PSV Datasheet HTML 2Page - International Rectifier SD253N12S15PSV Datasheet HTML 3Page - International Rectifier SD253N12S15PSV Datasheet HTML 4Page - International Rectifier SD253N12S15PSV Datasheet HTML 5Page - International Rectifier SD253N12S15PSV Datasheet HTML 6Page - International Rectifier SD253N12S15PSV Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
SD253N/R Series
6
www.irf.com
Bulletin I2065 rev. A 09/94
Fig. 8 - Thermal Impedance Z
thJC Characteristic
Fig. 7 - Forward Voltage Drop Characteristics
Fig. 9 - Recovery Time Characteristics
Fig. 10 - Recovery Charge Characteristics
Fig. 11 - Recovery Current Characteristics
Fig. 14 - Recovery Current Characteristics
Fig. 13 - Recovery Charge Characteristics
Fig. 12 - Recovery Time Characteristics
1
10
100
1000
10000
01
234
Instantaneous Forward Voltage (V)
SD253N/R Series
T = 25 °C
J
T = 125 °C
J
0.001
0.01
0.1
1
0.001
0.01
0.1
1
10
Square Wave Pulse Duration (s)
Steady State Value:
R
= 0.1 15K/W
(DC Operation)
thJC
SD253N/R Series
10
20
30
40
50
60
70
80
90
100
110
120
130
10 20 30 40 50 60 70 80 90 100
Rate Of Fall Of Forward Current - di/dt (A/µs)
400 A
200 A
I
= 750 A
Square Pulse
FM
SD253N/R..S15 Series
T = 125 °C, V = 30V
J
r
50
60
70
80
90
100
110
120
130
140
150
160
170
10 20 30 40 50 60 70 80 90 100
Rate Of Fall Of Forward Current - di/dt (A/µs)
400 A
200 A
I
= 750 A
Square Pulse
FM
SD253N/R..S15 Series
T = 125 °C, V = 30V
J
r
1.6
2
2.4
2.8
3.2
3.6
10
100
Rate Of Fall Of Forward Current - di/dt (A/µs)
400 A
200 A
I
= 750 A
Square Pulse
FM
SD253N/R..S15 Series
T = 125 °C, V = 30V
r
J
20
30
40
50
60
70
80
90
100
110
120
130
10 20 30 40 50 60 70 80 90 100
Rate Of Fall Of Forward Current - di/dt (A/µs)
400 A
200 A
I
= 750 A
Square Pulse
FM
SD253N/R..S20 Series
T = 125 °C, V = 30V
J
r
50
100
150
200
250
300
10 20 30 40 50 60 70 80 90 100
Rate Of Fall Of Forward Current - di/dt (A/µs)
400 A
200 A
I
= 750 A
Square Pulse
FM
SD253N/R..S20 Series
T = 125 °C, V = 30V
J
r
2.4
2.6
2.8
3
3.2
3.4
3.6
10
100
Rate Of Fall Of Forward Current - di/dt (A/µs)
400 A
200 A
I
= 750 A
Square Pulse
FM
SD253N/R..S20 Series
T = 125 °C, V = 30V
J
r


同様の部品番号 - SD253N12S15PSV

メーカー部品番号データシート部品情報
logo
Astrodyne Corporation
SD25 ASTRODYNE-SD25 Datasheet
994Kb / 2P
   25W Single Output DC-DC Converter
logo
List of Unclassifed Man...
SD25-100 ETC1-SD25-100 Datasheet
395Kb / 8P
   High Power Density, Low Profile, Shielded Inductors
logo
Cooper Bussmann, Inc.
SD25-100-R COOPER-SD25-100-R Datasheet
372Kb / 4P
   Switching Regulators
SD25-100-R COOPER-SD25-100-R Datasheet
309Kb / 7P
   SD Series High Power Density, Low Profile, Shielded Inductors
SD25-100-R COOPER-SD25-100-R Datasheet
309Kb / 7P
   SD Series High Power Density, Low Profile, Shielded Inductors
More results

同様の説明 - SD253N12S15PSV

メーカー部品番号データシート部品情報
logo
Naina Semiconductor ltd...
12NSF NAINA-12NSF Datasheet
105Kb / 2P
   Fast Recovery Diodes (Stud Version)
40-NSFR NAINA-40-NSFR Datasheet
102Kb / 2P
   Fast Recovery Diodes (Stud Version)
logo
International Rectifier
SD103N IRF-SD103N Datasheet
129Kb / 9P
   FAST RECOVERY DIODES Stud Version
SD153N IRF-SD153N Datasheet
463Kb / 8P
   FAST RECOVERY DIODES Stud Version
SD233N IRF-SD233N Datasheet
418Kb / 8P
   FAST RECOVERY DIODES Stud Version
logo
Naina Semiconductor ltd...
40NSF NAINA-40NSF Datasheet
105Kb / 2P
   Fast Recovery Diodes (Stud Version)
16NSF NAINA-16NSF Datasheet
105Kb / 2P
   Fast Recovery Diodes (Stud Version)
70NSF NAINA-70NSF Datasheet
105Kb / 2P
   Fast Recovery Diodes (Stud Version)
logo
International Rectifier
SD203N IRF-SD203N Datasheet
122Kb / 9P
   FAST RECOVERY DIODES Stud Version
SD453N IRF-SD453N Datasheet
518Kb / 6P
   FAST RECOVERY DIODES Stud Version
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com