データシートサーチシステム |
|
ST180S16M0VL データシート(PDF) 7 Page - International Rectifier |
|
ST180S16M0VL データシート(HTML) 7 Page - International Rectifier |
7 / 10 page ST180S Series 23 dv/dt Maximum critical rate of rise of off-state voltage I DRM Max. peak reverse and off-state I RRM leakage current Blocking 500 V/µs T J = T J max linear to 80% rated V DRM Parameter ST180S Units Conditions 30 mA T J = T J max, rated V DRM /V RRM applied P GM Maximum peak gate power 10 T J = T J max, t p ≤ 5ms P G(AV) Maximum average gate power 2.0 T J = T J max, f = 50Hz, d% = 50 I GM Max. peak positive gate current 3.0 A T J = T J max, t p ≤ 5ms +V GM Maximum peak positive gate voltage -V GM Maximum peak negative gate voltage I GT DC gate current required T J = - 40°C to trigger mA T J = 25°C T J = 125°C V GT DC gate voltage required T J = - 40°C to trigger V T J = 25°C T J = 125°C I GD DC gate current not to trigger 10 mA Parameter ST180S Units Conditions 20 5.0 Triggering V GD DC gate voltage not to trigger 0.25 V T J = T J max TYP. MAX. 180 - 90 150 40 - 2.9 - 1.8 3.0 1.2 - Max. gate current/ voltage not to trigger is the max. value which will not trigger any unit with rated V DRM anode-to-cathode applied Max. required gate trigger/ cur- rent/ voltage are the lowest value which will trigger all units 12V anode-to-cathode applied W V T J = T J max, t p ≤ 5ms T J Max. operating temperature range -40 to 125 T stg Max. storage temperature range -40 to 150 R thJC Max. thermal resistance, junction to case R thCS Max. thermal resistance, case to heatsink T Mounting torque, ± 10% 31 (275) 24.5 (210) wt Approximate weight 280 g Case style TO - 209AB (TO-93) See Outline Table Parameter ST180S Units Conditions 0.105 DC operation 0.04 Mounting surface, smooth, flat and greased Thermal and Mechanical Specification °C K/W Nm (lbf-in) Lubricated threads Non lubricated threads To Order Next Data Sheet Index Previous Datasheet |
同様の部品番号 - ST180S16M0VL |
|
同様の説明 - ST180S16M0VL |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |