データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SL52B データシート(PDF) 2 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

部品番号 SL52B
部品情報  Chip Schottky Barrier Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
ホームページ  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

SL52B データシート(HTML) 2 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

  SL52B Datasheet HTML 1Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD SL52B Datasheet HTML 2Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
4.0
SL52B THRU SL520B
FIG.1 FORW ARD CURRENT DERATING CURVE
NUMBER OF CYCLES AT 60 Hz
FIG. 3 MAXUMUM FORWARD SURGE CURRENT
8.3ms Single Half
Sine-Wave
REVERSE VOLTAGE (V)
FIG. 4 TYPICAL JUNCTION CAPACITANCE
f=1.0MHz
Vslg=50mVp-p
0.1
1
10
100
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
FORWARD VOLTAGE (V)
FIG. 2 TYPICAL FORWARD CHARACTERISTICS
SR540L
SR520L
SR560L
SR580L-SR5100L
SR5150L
SR5200L
30
60
90
120
0
1.0
2.0
3.0
5.0
6.0
0
25
50
75
100
125
150
Http:// www.wej.cn
E-mail:wej@yongerjia.com
WEJ ELECTRONIC CO.


同様の部品番号 - SL52B

メーカー部品番号データシート部品情報
logo
GOOD-ARK Electronics
SL52B GOOD-ARK-SL52B Datasheet
211Kb / 3P
   Surface Mount Schottky Barrier Rectifier
logo
Microdiode Electronics ...
SL52B CHENDA-SL52B Datasheet
223Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SL52B CHENDA-SL52B Datasheet
904Kb / 3P
   LOW FORWARD VOLTAGE SCHOTTKY BARRIER DIODES
logo
Galaxy Semi-Conductor H...
SL52BF BILIN-SL52BF Datasheet
446Kb / 4P
   Schottky Barrier Rectifiers
logo
GOOD-ARK Electronics
SL52B GOOD-ARK-SL52B_15 Datasheet
211Kb / 3P
   Surface Mount Schottky Barrier Rectifier
More results

同様の説明 - SL52B

メーカー部品番号データシート部品情報
logo
Formosa MS
FM0520-M FORMOSA-FM0520-M Datasheet
80Kb / 2P
   Chip Schottky Barrier Diodes - Chip Schottky Barrier Diodes
logo
Shenzhen Taychipst Elec...
MBRA120T3 TAYCHIPST-MBRA120T3 Datasheet
6Mb / 2P
   CHIP SCHOTTKY BARRIER DIODES
logo
SHENZHEN YONGERJIA INDU...
FM220-M WINNERJOIN-FM220-M Datasheet
96Kb / 2P
   Chip Schottky Barrier Diodes
SK12 WINNERJOIN-SK12 Datasheet
205Kb / 2P
   CHIP SCHOTTKY BARRIER DIODES
logo
Yea Shin Technology Co....
MBRX120SL YEASHIN-MBRX120SL Datasheet
405Kb / 2P
   Chip Schottky Barrier Diodes
logo
SHENZHEN YONGERJIA INDU...
SS30 WINNERJOIN-SS30 Datasheet
87Kb / 2P
   Chip Schottky Barrier Diodes
FM120-M WINNERJOIN-FM120-M Datasheet
97Kb / 2P
   Chip Schottky Barrier Diodes
logo
M/A-COM Technology Solu...
MA4E1317_V7 MA-COM-MA4E1317_V7 Datasheet
140Kb / 7P
   GaAs Flip Chip Schottky Barrier Diodes
logo
Tyco Electronics
MA4E1317 MACOM-MA4E1317 Datasheet
160Kb / 5P
   GaAs Flip Chip Schottky Barrier Diodes
logo
M/A-COM Technology Solu...
MA4E1317 MA-COM-MA4E1317_14 Datasheet
653Kb / 6P
   GaAs Flip Chip Schottky Barrier Diodes
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com