データシートサーチシステム |
|
SD203N25S20MSV データシート(PDF) 3 Page - International Rectifier |
|
SD203N25S20MSV データシート(HTML) 3 Page - International Rectifier |
3 / 9 page SD203N/R Series 3 www.irf.com Bulletin I2064 rev. A 09/94 Thermal and Mechanical Specification Parameter SD203N/R Units Conditions °C K/W Nm T J Max. operating temperature range -40 to 125 T stg Max. storage temperature range -40 to 150 R thJC Max. thermal resistance, junction to case 0.115 DC operation R thCS Max. thermal resistance, case to heatsink 0.08 Mounting surface, smooth, flat and greased T Mounting torque ±10% 31 Not lubricated threads 24.5 Lubricated threads wt Approximate weight 250 g Case style DO-205AB (DO-9) See Outline Table ∆R thJC Conduction (The following table shows the increment of thermal resistence R thJC when devices operate at different conduction angles than DC) 180° 0.010 0.008 T J = TJ max. 120° 0.013 0.014 90° 0.017 0.019 K/W 60° 0.025 0.027 30° 0.044 0.044 Conduction angle Sinusoidal conduction Rectangular conduction Units Conditions Ordering Information Table 1 - Diode 2 - Essential part number 3 - 3 = Fast recovery 4 - N = Stud Normal Polarity (Cathode to Stud) R = Stud Reverse Polarity (Anode to Stud) 5 - Voltage code: Code x 100 = V RRM (see Voltage Ratings table) 6 -t rr code (see Recovery Characteristics table) 7 - P = Stud base DO-205AB (DO-9) 3/4" 16UNF-2A M = Stud base DO-205AB (DO-9) M16 X 1.5 8 -7 B = Flag top terminals (for Cathode/ Anode Leads) S = Isolated lead with silicone sleeve (Red = Reverse Polarity; Blue = Normal Polarity) None = Not isolated lead 9 - C = Ceramic housing (over 1600V) V = Glass-metal seal (only up to 1600V) 5 1 2 3 4 SD 20 3 R 25 S20 P B C 7 6 89 Device Code |
同様の部品番号 - SD203N25S20MSV |
|
同様の説明 - SD203N25S20MSV |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |