データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BTA20-600C データシート(PDF) 2 Page - Kersemi Electronic Co., Ltd.

部品番号 BTA20-600C
部品情報  RMS on-state current (full sine wave)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  KERSEMI [Kersemi Electronic Co., Ltd.]
ホームページ  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

BTA20-600C データシート(HTML) 2 Page - Kersemi Electronic Co., Ltd.

  BTA20-600C Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. BTA20-600C Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. BTA20-600C Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. BTA20-600C Datasheet HTML 4Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
(Tj = 25°C, unless otherwise specified)
Table 5: Static Characteristics
Table 6: Thermal resistance
Symbol
Test Conditions
Quadrant
BTA20
Unit
BW
CW
IGT (1)
VD = 12 V
RL = 33 Ω
ALL
MIN.
2
1
mA
MAX.
50
35
VGT
ALL
MAX.
1.5
V
VGD
VD = VDRM RL = 3.3 kΩ Tj = 125°C
ALL
MIN.
0.2
V
IH (2)
IT = 500 mA gate open
MAX.
75
50
mA
IL
IG = 1.2 IGT
I - III
TYP.
50
-
mA
II
90
-
I - II - III
MAX.
-
80
dV/dt (2)
VD = 67 %VDRM gate open
Tj = 125°C
TYP.
750
500
V/µs
MIN.
500
250
(dV/dt)c (2) (dI/dt)c = 20 A/ms
Tj = 125°C
TYP.
36
22
V/µs
MIN.
18
11
Symbol
Test Conditions
Value
Unit
VTM (2)
ITM = 28 A
tp = 380 µs
Tj = 25°C
MAX.
1.70
V
IDRM
IRRM
VDRM = VRRM
Tj = 25°C
MAX.
10
µA
Tj = 125°C
3mA
Note 1: minimum IGT is guaranted at 5% of IGT max.
Note 2: for both polarities of A2 referenced to A1.
Symbol
Parameter
Value
Unit
Rth(j-c)
Junction to case (AC)
2.1
°C/W
Rth(j-c)
Junction to case (DC)
2.8
Rth(j-a)
Junction to ambient
60
°C/W
Tables 4: Electrical Characteristics
BTA20 Series
2014-6-10
2
www.kersemi.com


同様の部品番号 - BTA20-600C

メーカー部品番号データシート部品情報
logo
STMicroelectronics
BTA20-600CW STMICROELECTRONICS-BTA20-600CW Datasheet
470Kb / 6P
   SNUBBERLESS TRIACS
logo
Kersemi Electronic Co.,...
BTA20-600CW KERSEMI-BTA20-600CW Datasheet
1Mb / 4P
   RMS on-state current (full sine wave)
logo
Inchange Semiconductor ...
BTA20-600CW ISC-BTA20-600CW Datasheet
106Kb / 1P
   With TO-220AB insulated package
logo
HAOPIN MICROELECTRONICS...
BTA20-600CW HAOPIN-BTA20-600CW Datasheet
317Kb / 5P
   Three quadrant triacs
logo
STMicroelectronics
BTA20-600CWRG STMICROELECTRONICS-BTA20-600CWRG Datasheet
83Kb / 6P
   20A TRIACS
More results

同様の説明 - BTA20-600C

メーカー部品番号データシート部品情報
logo
Kersemi Electronic Co.,...
BTA20-600CW KERSEMI-BTA20-600CW Datasheet
1Mb / 4P
   RMS on-state current (full sine wave)
BTA20-700B KERSEMI-BTA20-700B Datasheet
897Kb / 4P
   RMS on-state current (full sine wave)
BTA20-600B KERSEMI-BTA20-600B Datasheet
897Kb / 4P
   RMS on-state current (full sine wave)
logo
New Jersey Semi-Conduct...
S12200H NJSEMI-S12200H Datasheet
93Kb / 2P
   RMS on -state current
S12XXXH NJSEMI-S12XXXH Datasheet
149Kb / 2P
   RMS on -state current
C290 NJSEMI-C290 Datasheet
192Kb / 2P
   RMS Forward Current, On-State
logo
Anpec Electronics Corop...
APX9322A ANPEC-APX9322A Datasheet
320Kb / 24P
   Three-Phase Full-wave Sine-wave Brushless Motor Driver
APX9322 ANPEC-APX9322 Datasheet
258Kb / 20P
   Three-Phase Full-wave Sine-wave Brushless Motor Driver
APX7320 ANPEC-APX7320 Datasheet
347Kb / 22P
   Three-Phase Full-wave Sine-wave Brushless Motor Driver
APX9322 ANPEC-APX9322_18 Datasheet
324Kb / 25P
   Three-Phase Full-wave Sine-wave Brushless Motor Driv
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com