データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DAC2815D データシート(PDF) 1 Page - M.S. Kennedy Corporation

部品番号 DAC2815D
部品情報  All Ceramic Capacitors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MSK [M.S. Kennedy Corporation]
ホームページ  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

DAC2815D データシート(HTML) 1 Page - M.S. Kennedy Corporation

  DAC2815D_15 Datasheet HTML 1Page - M.S. Kennedy Corporation DAC2815D_15 Datasheet HTML 2Page - M.S. Kennedy Corporation DAC2815D_15 Datasheet HTML 3Page - M.S. Kennedy Corporation DAC2815D_15 Datasheet HTML 4Page - M.S. Kennedy Corporation DAC2815D_15 Datasheet HTML 5Page - M.S. Kennedy Corporation DAC2815D_15 Datasheet HTML 6Page - M.S. Kennedy Corporation DAC2815D_15 Datasheet HTML 7Page - M.S. Kennedy Corporation DAC2815D_15 Datasheet HTML 8Page - M.S. Kennedy Corporation DAC2815D_15 Datasheet HTML 9Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
4707 Dey Road Liverpool, N.Y. 13088
(315) 701-6751
Wave Solderable Package
All Ceramic Capacitors
Surface Mount Magnetics
80 Volt Input Transient Tolerent
Wide Supply Range - 11V to 50V
High Isolation - 500V
High Power Density - 15 W/in³
Both Outputs Fully Regulated
Tracking Output Voltage Adjustment - Standard
Remote Shutdown
Operates to 11V Input at 5W
Available with ±12V or ±15V Outputs
Contact MSK for MIL-PRF-38534 Qualification Status
MIL-PRF-38534 CERTIFIED
M.S.KENNEDY CORP.
6W
DUAL DC-DC
CONVERTERS
DAC2800D
DESCRIPTION:
Rev. E
9/07
1
SERIES
FEATURES:
The DAC2812D and DAC2815D DC-DC converters provide the ruggedness, reliability and features required
to meet the advanced design challenges of today's hi-rel market. This has been accomplished while retaining
a power density of 15 W/in3 and 375 mW/gram of power/package performance. The use of advanced
substrate and reflow soldering techniques during construction results in a rugged, cost-effective and
completely solderable package.
The DAC2800D hybrid converter series utilizes all ceramic capacitors, surface mount magnetics, and
ultrasonically bonded wires to provide reliable operation at all operating temperatures.
The DAC2800D series has two fully regulated tracking outputs. Standard features include output fault
monitoring and/or turn on voltage point programming via the shutdown pin. All three functions may be
implemented simultaneously with a minimum of external components. An output voltage adjustment / load
compensation pin which adjusts both outputs simultaneously is also standard.
Fault tolerant design protects these converters from most external circuit faults. The ±output and output
adjust pins will withstand +25 V while the shutdown pin will withstand +50 V, protecting the converters
from a variety of system or board faults; e.g. solder bridges etc. Unique load fault protection circuitry allows
this converter to pull up loads having difficult static load line characteristics and allows short term load
excursions significantly beyond ratings in most applications.
A transformer isolated flyback converter topology operating at a switching frequency of 400 kHz allows
operation over a wide input voltage range. Internal filtering of outputs eliminates the need for external
capacitors in many applications.
The 8-pin package
is hermetically sealed and isolated from the internal circuits. Heat sinking is
recommended for full power operation at elevated ambient temperatures.


同様の部品番号 - DAC2815D_15

メーカー部品番号データシート部品情報
logo
M.S. Kennedy Corporatio...
DAC2815DH MSK-DAC2815DH Datasheet
192Kb / 7P
   6W DUAL DC - DC CONVERTERS
More results

同様の説明 - DAC2815D_15

メーカー部品番号データシート部品情報
logo
M.S. Kennedy Corporatio...
DHC2803S MSK-DHC2803S_15 Datasheet
412Kb / 9P
   All Ceramic Capacitors
BBF2803S MSK-BBF2803S_15 Datasheet
147Kb / 11P
   All Ceramic Capacitors
BBF2812S MSK-BBF2812S_15 Datasheet
147Kb / 11P
   All Ceramic Capacitors
BBF2815S MSK-BBF2815S_15 Datasheet
147Kb / 11P
   All Ceramic Capacitors
BFL2805 MSK-BFL2805_15 Datasheet
172Kb / 4P
   All Ceramic Capacitors
DHD2805S MSK-DHD2805S_15 Datasheet
224Kb / 7P
   All Ceramic Capacitors
logo
SynQor Worldwide Headqu...
IQ040PFQTX30 SYNQOR-IQ040PFQTX30 Datasheet
1Mb / 8P
   All capacitors are X7R multi-layer ceramic
IQ080PFQTX20 SYNQOR-IQ080PFQTX20 Datasheet
1Mb / 8P
   All capacitors are X7R multi-layer ceramic
IQ200PFQTC10 SYNQOR-IQ200PFQTC10 Datasheet
1Mb / 8P
   All capacitors are X7R multi-layer ceramic
MCOTS-F-270-P-HT SYNQOR-MCOTS-F-270-P-HT Datasheet
5Mb / 9P
   All capacitors are X7R multi-layer ceramic
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com