データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2SJ626 データシート(PDF) 7 Page - Renesas Technology Corp

部品番号 2SJ626
部品情報  P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RENESAS [Renesas Technology Corp]
ホームページ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SJ626 データシート(HTML) 7 Page - Renesas Technology Corp

Back Button 2SJ626_15 Datasheet HTML 2Page - Renesas Technology Corp 2SJ626_15 Datasheet HTML 3Page - Renesas Technology Corp 2SJ626_15 Datasheet HTML 4Page - Renesas Technology Corp 2SJ626_15 Datasheet HTML 5Page - Renesas Technology Corp 2SJ626_15 Datasheet HTML 6Page - Renesas Technology Corp 2SJ626_15 Datasheet HTML 7Page - Renesas Technology Corp 2SJ626_15 Datasheet HTML 8Page - Renesas Technology Corp 2SJ626_15 Datasheet HTML 9Page - Renesas Technology Corp 2SJ626_15 Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Data Sheet D15962EJ1V0DS
5
2SJ626
DRAIN TO SOURCE ON-STATE RESISTANCE
vs. DRAIN CURRENT
DRAIN TO SOURCE ON-STATE RESISTANCE
vs. DRAIN CURRENT
0
200
400
600
800
-0.01
-0.1
-1
-10
Pulsed
VGS =
−10 V
-25
°C
25
°C
75
°C
TA = 125
°C
0
200
400
600
800
-0.01
-0.1
-1
-10
Pulsed
VGS =
−4.5 V
−25°C
25
°C
75
°C
TA = 125
°C
ID - Drain Current - A
ID - Drain Current - A
DRAIN TO SOURCE ON-STATE RESISTANCE
vs. DRAIN CURRENT
SWITCHING CHARACTERISTICS
0
200
400
600
800
-0.01
-0.1
-1
-10
Pulsed
VGS =
−4.0 V
-25
°C
25
°C
75
°C
TA = 125°C
TA = 125°C
TA = 125°C
TA = 125
°C
1
10
100
1000
-0.1
-1
-10
VDD =
−30 V
VGS =
−10 V
RG = 10
td(off)
td(on)
tf
tr
ID - Drain Current – A
ID - Drain Current - A
CAPACITANCE vs.
DRAIN TO SOURCE VOLTAGE
SOURCE TO DRAIN DIODE FORWARD VOLTAGE
1
10
100
1000
-0.1
-1
-10
-100
VGS = 0 V
f = 1.0 MHz
C iss
C oss
C rss
0.01
0.1
1
10
0.4
0.6
0.8
1
1.2
Pulsed
VGS = 0 V
VDS - Drain to Source Voltage - V
VF(S-D) - Source to Drain Voltage - V


同様の部品番号 - 2SJ626_15

メーカー部品番号データシート部品情報
logo
NEC
2SJ626 NEC-2SJ626 Datasheet
65Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
logo
Renesas Technology Corp
2SJ626 RENESAS-2SJ626 Datasheet
200Kb / 10P
   Old Company Name in Catalogs and Other Documents
More results

同様の説明 - 2SJ626_15

メーカー部品番号データシート部品情報
logo
NEC
UPA1916 NEC-UPA1916 Datasheet
62Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA653TT NEC-UPA653TT Datasheet
70Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA678TB NEC-UPA678TB Datasheet
60Kb / 6P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
2SJ557 NEC-2SJ557 Datasheet
62Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA1915 NEC-UPA1915 Datasheet
66Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA1856 NEC-UPA1856 Datasheet
77Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
logo
Renesas Technology Corp
PA1815 RENESAS-PA1815_15 Datasheet
200Kb / 10P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
PA1856 RENESAS-PA1856_15 Datasheet
208Kb / 10P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
PA1913 RENESAS-PA1913_15 Datasheet
202Kb / 10P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
PA1914 RENESAS-PA1914_15 Datasheet
201Kb / 10P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
2SJ648 RENESAS-2SJ648_15 Datasheet
269Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com