データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2SJ625 データシート(PDF) 4 Page - Renesas Technology Corp

部品番号 2SJ625
部品情報  P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RENESAS [Renesas Technology Corp]
ホームページ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SJ625 データシート(HTML) 4 Page - Renesas Technology Corp

  2SJ625_15 Datasheet HTML 1Page - Renesas Technology Corp 2SJ625_15 Datasheet HTML 2Page - Renesas Technology Corp 2SJ625_15 Datasheet HTML 3Page - Renesas Technology Corp 2SJ625_15 Datasheet HTML 4Page - Renesas Technology Corp 2SJ625_15 Datasheet HTML 5Page - Renesas Technology Corp 2SJ625_15 Datasheet HTML 6Page - Renesas Technology Corp 2SJ625_15 Datasheet HTML 7Page - Renesas Technology Corp 2SJ625_15 Datasheet HTML 8Page - Renesas Technology Corp 2SJ625_15 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Data Sheet D15961EJ1V0DS
2
2SJ625
ELECTRICAL CHARACTERISTICS (TA = 25°C)
CHARACTERISTICS
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Zero Gate Voltage Drain Current
IDSS
VDS = –20 V, VGS = 0 V
–10
µA
Gate Leakage Current
IGSS
VGS =
m8.0 V, VDS = 0 V
m10
µA
Gate Cut-off Voltage
VGS(off)
VDS = –10 V, ID = –1.0 mA
–0.45
–0.75
–1.5
V
Forward Transfer Admittance
| yfs |VDS = –10 V, ID = –1.5 A
2.0
4.9
S
Drain to Source On-state Resistance
RDS(on)1
VGS = –4.5 V, ID = –1.5 A
90
113
m
RDS(on)2
VGS = –2.5 V, ID = –1.5 A
128
171
m
RDS(on)3
VGS = –1.8 V, ID = –1.0 A
188
314
m
Input Capacitance
Ciss
VDS = –10 V
348
pF
Output Capacitance
Coss
VGS = 0 V
88
pF
Reverse Transfer Capacitance
Crss
f = 1.0 MHz
38
pF
Turn-on Delay Time
td(on)
VDD = –10 V, ID = –1.5 A
39
ns
Rise Time
tr
VGS = –4.0 V
190
ns
Turn-off Delay Time
td(off)
RG = 10
220
ns
Fall Time
tf
250
ns
Total Gate Charge
QG
VDD = –16 V
2.6
nC
Gate to Source Charge
QGS
VGS = –4.0 V
0.8
nC
Gate to Drain Charge
QGD
ID = –3.0 A
0.9
nC
Body Diode Forward Voltage
VF(S-D)
IF = 3.0 A, VGS = 0 V
0.89
V
TEST CIRCUIT 2 GATE CHARGE
TEST CIRCUIT 1 SWITCHING TIME
PG.
RG
0
VGS(−)
D.U.T.
RL
VDD
τ = 1 s
µ
Duty Cycle
≤ 1%
τ
PG.
50
D.U.T.
RL
VDD
IG =
−2 mA
VGS
Wave Form
VDS
Wave Form
VGS(−)
VDS(−)
10%
0
0
90%
90%
90%
VGS
VDS
ton
toff
td(on)
tr
td(off)
tf
10%
10%


同様の部品番号 - 2SJ625_15

メーカー部品番号データシート部品情報
logo
NEC
2SJ625 NEC-2SJ625 Datasheet
66Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
logo
Renesas Technology Corp
2SJ625 RENESAS-2SJ625 Datasheet
201Kb / 10P
   Old Company Name in Catalogs and Other Documents
More results

同様の説明 - 2SJ625_15

メーカー部品番号データシート部品情報
logo
NEC
UPA1916 NEC-UPA1916 Datasheet
62Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA653TT NEC-UPA653TT Datasheet
70Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA678TB NEC-UPA678TB Datasheet
60Kb / 6P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
2SJ557 NEC-2SJ557 Datasheet
62Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA1915 NEC-UPA1915 Datasheet
66Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA1856 NEC-UPA1856 Datasheet
77Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
logo
Renesas Technology Corp
PA1815 RENESAS-PA1815_15 Datasheet
200Kb / 10P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
PA1856 RENESAS-PA1856_15 Datasheet
208Kb / 10P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
PA1913 RENESAS-PA1913_15 Datasheet
202Kb / 10P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
PA1914 RENESAS-PA1914_15 Datasheet
201Kb / 10P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
2SJ648 RENESAS-2SJ648_15 Datasheet
269Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com