データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2SJ647 データシート(PDF) 6 Page - Renesas Technology Corp

部品番号 2SJ647
部品情報  P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RENESAS [Renesas Technology Corp]
ホームページ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SJ647 データシート(HTML) 6 Page - Renesas Technology Corp

  2SJ647_15 Datasheet HTML 1Page - Renesas Technology Corp 2SJ647_15 Datasheet HTML 2Page - Renesas Technology Corp 2SJ647_15 Datasheet HTML 3Page - Renesas Technology Corp 2SJ647_15 Datasheet HTML 4Page - Renesas Technology Corp 2SJ647_15 Datasheet HTML 5Page - Renesas Technology Corp 2SJ647_15 Datasheet HTML 6Page - Renesas Technology Corp 2SJ647_15 Datasheet HTML 7Page - Renesas Technology Corp 2SJ647_15 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Data Sheet D16530EJ1V0DS
4
2SJ647
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
CHANNEL TEMPERATURE
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
GATE TO SOURCE VOLTAGE
0
1
2
3
4
-50
0
50
100
150
Pulsed
VGS =
−2.5 V, ID = −0.15 A
VGS =
−4.0 V, ID = −0.2 A
VGS =
−4.5 V, ID = −0.2 A
0
1
2
3
4
0-2
-4
-6
-8
-10
-12
Pulsed
ID =
−0.2 A
Tch – Channel Temperrature -
°CVGS - Gate to Source Voltage - V
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
DRAIN CURRENT
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
DRAIN CURRENT
0
1
2
3
4
-0.01
-0.1
-1
-10
VGS =
−4.5 V
Pulsed
TA = 125°C
75°C
25°C
−25°C
0
1
2
3
4
-0.01
-0.1
-1
-10
VGS =
−4.0 V
Pulsed
−25°C
25°C
75°C
TA = 125°C
ID - Drain Current - A
ID - Drain Current - A
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
DRAIN CURRENT
CAPACITANCE vs.
DRAIN TO SOURCE VOLTAGE
0
1
2
3
4
-0.01
-0.1
-1
-10
VGS =
−2.5 V
Pulsed
−25°C
25°C
75°C
TA = 125°C
1
10
100
-0.1
-1
-10
-100
VGS = 0 V
f = 1.0 MHz
Ciss
Coss
Crss
ID - Drain Current - A
VDS - Drain to Source Voltage - V


同様の部品番号 - 2SJ647_15

メーカー部品番号データシート部品情報
logo
NEC
2SJ647 NEC-2SJ647 Datasheet
62Kb / 6P
   MOS FIELD EFFECT TRANSISTOR
logo
Renesas Technology Corp
2SJ647 RENESAS-2SJ647 Datasheet
197Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
2003
More results

同様の説明 - 2SJ647_15

メーカー部品番号データシート部品情報
logo
NEC
UPA1916 NEC-UPA1916 Datasheet
62Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA653TT NEC-UPA653TT Datasheet
70Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA678TB NEC-UPA678TB Datasheet
60Kb / 6P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
2SJ557 NEC-2SJ557 Datasheet
62Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA1915 NEC-UPA1915 Datasheet
66Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA1856 NEC-UPA1856 Datasheet
77Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
logo
Renesas Technology Corp
PA1815 RENESAS-PA1815_15 Datasheet
200Kb / 10P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
PA1856 RENESAS-PA1856_15 Datasheet
208Kb / 10P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
PA1913 RENESAS-PA1913_15 Datasheet
202Kb / 10P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
PA1914 RENESAS-PA1914_15 Datasheet
201Kb / 10P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
2SJ648 RENESAS-2SJ648_15 Datasheet
269Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com