データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2SJ648 データシート(PDF) 5 Page - Renesas Technology Corp

部品番号 2SJ648
部品情報  P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RENESAS [Renesas Technology Corp]
ホームページ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SJ648 データシート(HTML) 5 Page - Renesas Technology Corp

  2SJ648_15 Datasheet HTML 1Page - Renesas Technology Corp 2SJ648_15 Datasheet HTML 2Page - Renesas Technology Corp 2SJ648_15 Datasheet HTML 3Page - Renesas Technology Corp 2SJ648_15 Datasheet HTML 4Page - Renesas Technology Corp 2SJ648_15 Datasheet HTML 5Page - Renesas Technology Corp 2SJ648_15 Datasheet HTML 6Page - Renesas Technology Corp 2SJ648_15 Datasheet HTML 7Page - Renesas Technology Corp 2SJ648_15 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Data Sheet D16597EJ2V0DS
3
2SJ648
TYPICAL CHARACTERISTICS (TA = 25°C)
TOTAL POWER DISSIPATION vs.
AMBIENT TEMPERATURE
DRAIN CURRENT vs.
DRAIN TO SOURCE VOLTAGE
0
25
50
75
100
125
150
175
Mounted on ceramic substrate of
300 mm
2 × 0.64 mm
0
- 0.4
- 0.8
- 1.2
- 1.6
0
- 1
- 2
- 3
- 4
- 5
Pulsed
−2.5 V
VGS =
−4.5 V
−4.0 V
TA - Ambient Temperature -
°C
VDS - Drain to Source Voltage - V
FORWARD TRANSFER CHARACTERISTICS
GATE CUT-OFF VOLTAGE vs.
CHANNEL TEMPERATURE
- 0.0001
- 0.001
- 0.01
- 0.1
- 1
- 10
0
- 1
- 2- 3- 4
VDS =
−10 V
Pulsed
TA = 125°C
75°C
25°C
−25°C
- 0.6
- 0.8
- 1
- 1.2
- 1.4
- 1.6
- 50
0
50
100
150
VDS =
−10 V
ID =
−1.0 mA
VGS - Gate to Source Voltage - V
Tch - Channel Temperature -
°C
FORWARD TRANSFER ADMITTANCE vs.
DRAIN CURRENT
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
CHANNEL TEMPERATURE
0.01
0.1
1
10
- 0.001
- 0.01
- 0.1
- 1
- 10
TA =
−25°C
25°C
75°C
125°C
VDS =
−10 V
Pulsed
0
1
2
3
4
- 50
0
50
100
150
Pulsed
VGS =
−2.5 V, ID = −0.15 A
VGS =
−4.0 V, ID = −0.20 A
VGS =
−4.5 V, ID = −0.20 A
ID - Drain Current - A
Tch - Channel Temperature -
°C
240
200
160
120
80
40
0


同様の部品番号 - 2SJ648_15

メーカー部品番号データシート部品情報
logo
NEC
2SJ648 NEC-2SJ648 Datasheet
135Kb / 6P
   MOS FIELD EFFECT TRANSISTOR
logo
Renesas Technology Corp
2SJ648 RENESAS-2SJ648 Datasheet
268Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
2003
More results

同様の説明 - 2SJ648_15

メーカー部品番号データシート部品情報
logo
NEC
UPA1916 NEC-UPA1916 Datasheet
62Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA653TT NEC-UPA653TT Datasheet
70Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA678TB NEC-UPA678TB Datasheet
60Kb / 6P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
2SJ557 NEC-2SJ557 Datasheet
62Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA1915 NEC-UPA1915 Datasheet
66Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA1856 NEC-UPA1856 Datasheet
77Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
logo
Renesas Technology Corp
PA1815 RENESAS-PA1815_15 Datasheet
200Kb / 10P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
PA1856 RENESAS-PA1856_15 Datasheet
208Kb / 10P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
PA1913 RENESAS-PA1913_15 Datasheet
202Kb / 10P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
PA1914 RENESAS-PA1914_15 Datasheet
201Kb / 10P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com