データシートサーチシステム |
|
LM129 データシート(PDF) 3 Page - Linear Technology |
|
LM129 データシート(HTML) 3 Page - Linear Technology |
3 / 8 page LM129/LM329 3 129329fd For more information www.linear.com/LM329 elecTrical characTerisTics Note 1: Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. Exposure to any Absolute Maximum Rating condition for extended periods may affect device reliability and lifetime. The l denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C. (Note 2) SYMBOL PARAMETER CONDITIONS LM129A/ LM129B/LM129C LM329A/LM329B/ LM329C/LM329D UNITS MIN TYP MAX MIN TYP MAX VZ Reverse-Breakdown Voltage TA = 25°C, 0.6mA ≤ IR ≤ 15mA 6.7 6.9 7.2 6.6 6.9 7.25 V ∆VZ ∆IR Reverse-Breakdown Voltage Change with Current TA = 25°C, 0.6mA ≤ IR ≤ 15mA 1mA ≤ IR ≤ 15mA l 9 12 14 9 12 20 mV mV ∆VZ ∆Temp Temperature Coefficient IR = 1mA, LM129A/LM329A LM129B/LM329B LM129C/LM329C LM329D l l l l 6 15 30 10 20 50 6 15 30 50 10 20 50 100 ppm/°C ppm/°C ppm/°C ppm/°C Change in Temperature Coefficient 1mA ≤ IR ≤ 15mA l 1 1 ppm/°C rZ Dynamic Impedance TA = 25°C, IR = 1mA 1mA ≤ IR ≤ 15mA l 0.6 0.8 1 0.8 1 2 Ω Ω en RMS Noise TA = 25°C, 10Hz ≤ f ≤ 10kHz 7 20 7 100 µV ∆VZ ∆Time Long-Term Stability TA = 45°C ±0.1°C, IR = 1mA ±0.3% 20 20 ppm/kHr Note 2: To determine the junction temperature as a function of the ambient temperature, see qJA for each package. |
同様の部品番号 - LM129_15 |
|
同様の説明 - LM129_15 |