データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM385-1.2 データシート(PDF) 1 Page - Linear Technology

部品番号 LM385-1.2
部品情報  Micropower Voltage Reference
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LINER [Linear Technology]
ホームページ  http://www.linear.com
Logo LINER - Linear Technology

LM385-1.2 データシート(HTML) 1 Page - Linear Technology

  LM385-1.2_15 Datasheet HTML 1Page - Linear Technology LM385-1.2_15 Datasheet HTML 2Page - Linear Technology LM385-1.2_15 Datasheet HTML 3Page - Linear Technology LM385-1.2_15 Datasheet HTML 4Page - Linear Technology LM385-1.2_15 Datasheet HTML 5Page - Linear Technology LM385-1.2_15 Datasheet HTML 6Page - Linear Technology LM385-1.2_15 Datasheet HTML 7Page - Linear Technology LM385-1.2_15 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
LM185-1.2/
LM285-1.2/LM385-1.2
1
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO
s
Portable Meter References
s
Portable Test Instruments
s
Battery Operated Systems
s
Current Loop Instrumentation
s
10
µA to 20mA Operating Range
s
Guaranteed 1% Initial Voltage Tolerance
s
Guaranteed 1
Ω Dynamic Impedance
s
Very Low Power Consumption
Micropower Voltage
Reference
Reverse Voltage Change with Current
The LM185-1.2 is a two terminal band gap reference diode
that has been designed for applications which require
precision performance with micropower operation. The
device provides guaranteed operating specifications at
currents as low as 10
µA. The nominal voltage is 1.235V
with both 1% and 2% tolerances available. Some addi-
tional features are: maximum dynamic impedance of 1
Ω,
low noise and excellent stability over time and tempera-
ture. Advanced design, processing and testing techniques
make Linear’s LM185-1.2 a superior choice over previous
designs. A micropower 5V reference application is shown
below. For guaranteed TC, micropower references, see the
LT1034 data sheet.
, LTC and LT are registered trademarks of Linear Technology Corporation.
Micropower 5V Reference
+
185/285/385 TA01a
V+
V
LM385-1.2
LM334
LT1494
3
2
7
6
4
R
5.6k
150pF
3.01M
1%
1M
1%
VIN
7V TO 15V
5V
REVERSE CURRENT (mA)
10
8
6
4
2
0
–2
0.01
1
10
100
185/285/385 TA01b
0.1
TA = 25°C


同様の部品番号 - LM385-1.2_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM385-1.2-MIL TI1-LM385-1.2-MIL Datasheet
402Kb / 16P
[Old version datasheet]   Micropower Voltage References
LM385-1.2-MWC TI1-LM385-1.2-MWC Datasheet
1Mb / 25P
[Old version datasheet]   Micropower Voltage References
LM385-1.2-MWC TI1-LM385-1.2-MWC Datasheet
402Kb / 16P
[Old version datasheet]   Micropower Voltage References
LM385-1.2-N TI-LM385-1.2-N Datasheet
1Mb / 23P
[Old version datasheet]   LM185-1.2-N/LM285-1.2-N/LM385-1.2-N Micropower Voltage Reference Diode
LM385-1.2D TI-LM385-1.2D Datasheet
307Kb / 15P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
More results

同様の説明 - LM385-1.2_15

メーカー部品番号データシート部品情報
logo
Sipex Corporation
SPX385-2.5 SIPEX-SPX385-2.5 Datasheet
140Kb / 9P
   Micropower Voltage Reference
logo
Linear Technology
LT1004 LINER-LT1004_15 Datasheet
182Kb / 8P
   Micropower Voltage Reference
logo
Advanced Monolithic Sys...
AMS3100A-2.5 ADMOS-AMS3100A-2.5 Datasheet
45Kb / 4P
   MICROPOWER VOLTAGE REFERENCE
AMS1004-1.2 ADMOS-AMS1004-1.2_05 Datasheet
71Kb / 7P
   MICROPOWER VOLTAGE REFERENCE
logo
Renesas Technology Corp
ISL21010 RENESAS-ISL21010 Datasheet
3Mb / 37P
   Micropower Voltage Reference
logo
Advanced Monolithic Sys...
AMS1004-12 ADMOS-AMS1004-12 Datasheet
76Kb / 7P
   MICROPOWER VOLTAGE REFERENCE
AMS3100-12 ADMOS-AMS3100-12 Datasheet
68Kb / 6P
   MICROPOWER VOLTAGE REFERENCE
AMS3100-25 ADMOS-AMS3100-25 Datasheet
61Kb / 6P
   MICROPOWER VOLTAGE REFERENCE
logo
Intersil Corporation
ISL21010_1112 INTERSIL-ISL21010_1112 Datasheet
1Mb / 20P
   Micropower Voltage Reference
logo
Advanced Monolithic Sys...
AMS3100-2.5 ADMOS-AMS3100-2.5_08 Datasheet
64Kb / 6P
   MICROPOWER VOLTAGE REFERENCE
logo
Unisonic Technologies
M385 UTC-M385_11 Datasheet
175Kb / 6P
   MICROPOWER VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com