データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1N4936 データシート(PDF) 1 Page - Compact Technology Corp.

部品番号 1N4936
部品情報  FAST RECOVERY RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CTC [Compact Technology Corp.]
ホームページ  http://www.ctc-semicon.com
Logo CTC - Compact Technology Corp.

1N4936 データシート(HTML) 1 Page - Compact Technology Corp.

  1N4936 Datasheet HTML 1Page - Compact Technology Corp. 1N4936 Datasheet HTML 2Page - Compact Technology Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
VRMS
VDC
VRRM
I(AV)
IFSM
@TA
=75 C
1N4933 thru 1N4937
FEATURES
Fast switching for high efficiency
Low cost
Diffused junction
Low reverse leakage current
Low forward voltage drop
High current capability
The plastic material carries UL recognition 94V-0
MECHANICAL DATA
Case : JEDEC DO-41 molded plastic
Polarity : Color band denotes cathode
Weight : 0.012 ounces, 0.34 grams
Mounting position : Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
200
140
200
50
35
50
100
70
100
1N4937
600
420
600
400
280
400
Maximum Average Forward
Rectified Current
Peak Forward Surge Current
8.3ms single half sine-wave
super imposed on rated load(JEDEC Method)
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
1.0
30
TJ
Operating Temperature Range
-55 to +150
C
TSTG
Storage Temperature Range
-55 to +150
Typical Thermal Resistance (Note 4)
R0JA
50
C/W
CJ
Typical Junction
Capacitance (Note 3)
15
pF
IR
Maximum DC Reverse Current
at Rated DC Blocking Voltage
@TJ =100 C
@TJ =25 C
5.0
100
uA
uA
VF
Maximum forward Voltage at 1.0A DC
1.3
V
A
A
V
UNIT
V
V
Maximum Reverse Recovery Time (Note 1)
TRR
200
ns
SYMBOL
CHARACTERISTICS
C
FAST RECOVERY RECTIFIERS
REVERSE VOLTAGE - 50 to 600 Volts
FORWARD CURRENT - 1.0 Ampere
1N4936
1N4935
1N4934
1N4933
All Dimensions in millimeter
Max.
Min.
DO-41
Dim.
A
D
C
B
25.4
5.20
-
4.20
0.70
2.00
2.70
0.90
A
C
D
A
B
DO-41
Maximum Reverse Recovery Time (Note 2)
TRR
130
ns
NOTES : 1.Measured with IF=1.0A,VR=30V,di/dt=50A/us.
2.Measured with IF=0.5A,IR=1A,IRR=0.25A.
3.Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
4.Thermal Resistance Junction to Ambient.
CTC0120 Ver. 2.0
1 of 2
1N4933 thru 1N4937


同様の部品番号 - 1N4936

メーカー部品番号データシート部品情報
logo
Semikron International
1N4936 SEMIKRON-1N4936 Datasheet
144Kb / 2P
   Fast silicon rectifier diodes
logo
Motorola, Inc
1N4936 MOTOROLA-1N4936 Datasheet
44Kb / 2P
   FAST RECOVERY RECTIFIERS 50-600 VOLTS 1.0 AMPERE
logo
Digitron Semiconductors
1N4936 DIGITRON-1N4936 Datasheet
92Kb / 2P
   AXIAL-LEAD FAST RECOVERY RECTIFIERS
logo
Dc Components
1N4936 DCCOM-1N4936 Datasheet
427Kb / 2P
   TECHNICAL SPECIFICATIONS OF FAST RECOVERY RECTIFIER
logo
Leshan Radio Company
1N4936 LRC-1N4936 Datasheet
238Kb / 8P
   Fast Switching Rectifiers Reverse Voltage 50 to 600V Forward Current 1.0A
More results

同様の説明 - 1N4936

メーカー部品番号データシート部品情報
logo
CHENG-YI ELECTRONIC CO....
FR201 CHENG-YI-FR201 Datasheet
103Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Compact Technology Corp...
1N4933 CTC-1N4933 Datasheet
71Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Shanghai Shunye Electro...
FR201 SY-FR201 Datasheet
233Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
EIC discrete Semiconduc...
FT2000AA EIC-FT2000AA Datasheet
110Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Sensitron
1N5186 SENSITRON-1N5186 Datasheet
36Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
EIC discrete Semiconduc...
RGP20A EIC-RGP20A Datasheet
57Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Microsemi Corporation
JAN1N3891 MICROSEMI-JAN1N3891 Datasheet
528Kb / 7P
   FAST RECOVERY RECTIFIERS
logo
Sangdest Microelectroni...
FR101 SMC-FR101 Datasheet
174Kb / 4P
   FAST RECOVERY RECTIFIERS
logo
Leshan Radio Company
1F3 LRC-1F3_15 Datasheet
189Kb / 7P
   Fast Recovery Rectifiers
1N4936 LRC-1N4936_15 Datasheet
200Kb / 7P
   Fast Recovery Rectifiers
logo
Taiwan Semiconductor Co...
BA157 TSC-BA157_14 Datasheet
379Kb / 4P
   Fast Recovery Rectifiers
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com