データシートサーチシステム |
|
UF3001G データシート(PDF) 1 Page - Compact Technology Corp. |
|
UF3001G データシート(HTML) 1 Page - Compact Technology Corp. |
1 / 2 page NOTES : 1.Test condition of TRR:IF=0.5A,IR=1.0A,IRR=0.25A.. 2.Measured at 1.0MHz and applied reverse voltage of 4.0V DC. 3.Thermal Resistance Junction to Ambient. VRMS VDC VRRM I(AV) IFSM VF UF3001G thru UF3007G FEATURES Glass passivated chip Ultra fast switching for high efficiency Low reverse leakage current Low forward voltage drop High current capability Easily cleaned with Freon, Alcohol, Chlorothene and similar solvents Plastic material has UL flammabitily classification 94V-0 MECHANICAL DATA Case : JEDEC DO-201AD molded plastic Polarity : Color band denotes cathode Weight : 0.04 ounces, 1.2 grams Mounting position : Any MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Ratings at 25 ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20% 200 UF3003G 140 200 50 UF3001G 35 50 1000 UF3007G 700 1000 100 UF3002G 70 100 800 UF3006G 560 800 600 UF3005G 420 600 UF3004G 400 280 400 Maximum Average Forward Rectified Current @TA =55 C Peak Forward Surge Current 8.3ms single half sine-wave super imposed on rated load(JEDEC Method) Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum forward Voltage at 3.0A DC 3.0 125 1.0 Storage / Operatiing Temperature Range -55 to +150 C Typical Thermal Resistance (Note 3) R0JA 25 C/W CJ Typical Junction Capacitance (Note 2) 30 pF IR Maximum DC Reverse Current at Rated DC Blocking Voltage @TJ =100 C @TJ =25 C 5 100 uA V A A V UNIT V V CHARACTERISTICS SYMBOL 50 ns Maximum Reverse Recovery Time (Note 1) TRR TSTG ,TJ 1.3 1.7 75 15 REVERSE VOLTAGE - 50 to 1000 Volts FORWARD CURRENT -3.0 Amperes ULTRA FAST GLASS PASSIVATED RECTIFIERS All Dimensions in millimeter Max. Min. DO-201AD Dim. A D C B 25.4 9.50 - 7.20 1.20 4.80 5.30 1.30 DO-201AD A C D A B CTC0109 Ver. 1.0 1 of 2 UF3001G thru UF3007G |
同様の部品番号 - UF3001G_15 |
|
同様の説明 - UF3001G_15 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |