データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LDTA114EET1G データシート(PDF) 3 Page - Leshan Radio Company

部品番号 LDTA114EET1G
部品情報  Bias Resistor Transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LRC [Leshan Radio Company]
ホームページ  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LDTA114EET1G データシート(HTML) 3 Page - Leshan Radio Company

  LDTA114EET1G_15 Datasheet HTML 1Page - Leshan Radio Company LDTA114EET1G_15 Datasheet HTML 2Page - Leshan Radio Company LDTA114EET1G_15 Datasheet HTML 3Page - Leshan Radio Company LDTA114EET1G_15 Datasheet HTML 4Page - Leshan Radio Company LDTA114EET1G_15 Datasheet HTML 5Page - Leshan Radio Company LDTA114EET1G_15 Datasheet HTML 6Page - Leshan Radio Company LDTA114EET1G_15 Datasheet HTML 7Page - Leshan Radio Company LDTA114EET1G_15 Datasheet HTML 8Page - Leshan Radio Company LDTA114EET1G_15 Datasheet HTML 9Page - Leshan Radio Company Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
LESHAN RADIO COMPANY, LTD.
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
ON CHARACTERISTICS (Note 4)
(VCE = 10 V, IC
hFE
35
60
80
80
160
160
8.0
15
80
80
80
80
80
60
100
140
140
250
250
15
27
140
130
140
150
140
Collector−Emitter Saturation Voltage (IC = 10 mA, IE = 0.3 mA)
(IC = 10 mA, IB
(IC = 10 mA, IB
LDTA143ZET1G/LDTA124XET1G
LDTA143EET1G
VCE(sat)
0.25
Vdc
Output Voltage (on)
(VCC = 5.0 V, VB = 2.5 V, RL = 1.0 kW
LDTA114YET1G
LDTA114TET1G
LDTA143TET1G
LDTA123EET1G
LDTA143EET1G
LDTA143ZET1G
LDTA124XET1G
LDTA123JET1G
(VCC = 5.0 V, VB = 3.5 V, RL = 1.0 kW
(VCC = 5.0 V, VB = 5.5 V, RL = 1.0 kW
(VCC = 5.0 V, VB = 4.0 V, RL = 1.0 kW
VOL
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
Vdc
4. Pulse Test: Pulse Width < 300
ms, Duty Cycle < 2.0%
LDTA144EET1G
LDTA114YET1G
LDTA114TET1G
LDTA143TET1G
LDTA123EET1G
LDTA143EET1G
LDTA143ZET1G
LDTA124XET1G
LDTA123JET1G
LDTA115EET1G
LDTA144WET1G
LDTA114EET1G
LDTA124EET1G
DC Current Gain
= 5.0 mA)
= 1 mA)
LDTA114TET1G/LDTA143TET1G
= 5 mA)
LDTA123EET1G
LDTA115EET1G
LDTA144WET1G
LDTA114EET1G
LDTA124EET1G
)
LDTA144EET1G
)
)
)
Output Voltage (off) (VCC = 5.0 V, VB = 0.5 V, RL = 1.0 kW)
(VCC = 5.0 V, VB = 0.25 V, RL = 1.0 kW)
LDTA114TET1G
LDTA143TET1G
LDTA123EET1G
LDTA143EET1G
VOH
4.9
Vdc
Input Resistor
LDTA114EET1G
R1
7.0
15.4
32.9
7.0
7.0
3.3
1.5
3.3
3.3
15.4
1.54
70
32.9
10
22
47
10
10
4.7
2.2
4.7
4.7
22
2.2
100
47
13
28.6
61.1
13
13
6.1
2.9
6.1
6.1
28.6
2.86
130
61.1
k
W
Resistor Ratio
LDTA114EET1G/LDTA124EET1G
LDTA144EET1G/LDTA115EET1G
LDTA114YET1G
LDTA114TET1G/LDTA143TET1G
LDTA123EET1G/LDTA143EET1G
LDTA143ZET1G
LDTA124XET1G
LDTA123JET1G
LDTA144WET1G
R1/R2
0.8
0.17
0.8
0.055
0.38
0.038
1.7
1.0
0.21
1.0
0.1
0.47
0.047
2.1
1.2
0.25
1.2
0.185
0.56
0.056
2.6
LDTA144EET1G
LDTA114YET1G
LDTA114TET1G
LDTA143TET1G
LDTA123EET1G
LDTA143EET1G
LDTA143ZET1G
LDTA124XET1G
LDTA123JET1G
LDTA115EET1G
LDTA144WET1G
LDTA124EET1G
LDTA114EET1G Series
Rev.O 3/12


同様の部品番号 - LDTA114EET1G_15

メーカー部品番号データシート部品情報
logo
Leshan Radio Company
LDTA114EET1G LRC-LDTA114EET1G Datasheet
774Kb / 12P
   Bias Resistor Transistors
logo
Shanghai Leiditech Elec...
LDTA114EET1G LEIDITECH-LDTA114EET1G Datasheet
1Mb / 12P
   Bias Resistor Transistors PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
More results

同様の説明 - LDTA114EET1G_15

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MUN5111DW1T1 ONSEMI-MUN5111DW1T1_06 Datasheet
109Kb / 12P
   Bias Resistor Transistor
February, 2006 ??Rev. 8
MUN5111T1 ONSEMI-MUN5111T1 Datasheet
132Kb / 12P
   Bias Resistor Transistor
October, 2004 ??Rev. 7
logo
Leshan Radio Company
LDTA123YET1G LRC-LDTA123YET1G_15 Datasheet
258Kb / 3P
   Bias Resistor Transistor
LDTA124GET1G LRC-LDTA124GET1G_15 Datasheet
285Kb / 3P
   Bias Resistor Transistor
logo
Weitron Technology
MMUN2211 WEITRON-MMUN2211_07 Datasheet
470Kb / 10P
   Bias Resistor Transistor
logo
ON Semiconductor
MMUN2211LT1 ONSEMI-MMUN2211LT1 Datasheet
104Kb / 12P
   Bias Resistor Transistor
May, 2004 ??Rev. 4
logo
E-Tech Electronics LTD
MMUN2211 ETL-MMUN2211 Datasheet
269Kb / 8P
   Bias Resistor Transistor
logo
Leshan Radio Company
LDTC123TLT1G LRC-LDTC123TLT1G Datasheet
217Kb / 3P
   Bias Resistor Transistor
MUN2211RT1 LRC-MUN2211RT1 Datasheet
328Kb / 8P
   Bias Resistor Transistor
LDTA123YET1G LRC-LDTA123YET1G Datasheet
258Kb / 3P
   Bias Resistor Transistor
LDTC113ZET1G LRC-LDTC113ZET1G Datasheet
278Kb / 3P
   Bias Resistor Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com