データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2SC4703 データシート(PDF) 4 Page - Renesas Technology Corp

部品番号 2SC4703
部品情報  NPN EPITAXIAL SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW DISTORTION AMPLIFIER 3-PIN POWER MINIMOLD
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RENESAS [Renesas Technology Corp]
ホームページ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC4703 データシート(HTML) 4 Page - Renesas Technology Corp

  2SC4703_15 Datasheet HTML 1Page - Renesas Technology Corp 2SC4703_15 Datasheet HTML 2Page - Renesas Technology Corp 2SC4703_15 Datasheet HTML 3Page - Renesas Technology Corp 2SC4703_15 Datasheet HTML 4Page - Renesas Technology Corp 2SC4703_15 Datasheet HTML 5Page - Renesas Technology Corp 2SC4703_15 Datasheet HTML 6Page - Renesas Technology Corp 2SC4703_15 Datasheet HTML 7Page - Renesas Technology Corp 2SC4703_15 Datasheet HTML 8Page - Renesas Technology Corp 2SC4703_15 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Data Sheet PU10339EJ01V1DS
2
2SC4703
ELECTRICAL CHARACTERISTICS (TA = +25
°°°°C)
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
DC Characteristics
Collector Cut-off Current
ICBO
VCB = 20 V, IE = 0 mA
1.5
µA
Emitter Cut-off Current
IEBO
VEB = 2 V, IC = 0 mA
1.5
µA
DC Current Gain
hFE
Note 1
VCE = 5 V, IC = 50 mA
50
250
RF Characteristics
Gain Bandwidth Product
fT
VCE = 5 V, IC = 50 mA
6.0
GHz
Insertion Power Gain (1)
S21e2 VCE = 5 V, IC = 50 mA, f = 1 GHz
6.5
8.3
dB
Insertion Power Gain (2)
S21e2 VCE = 10 V, IC = 20 mA, f = 1 GHz
8.5
dB
Noise Figure
NF
VCE = 5 V, IC = 50 mA, f = 1 GHz
2.3
3.5
dB
Collector Capacitance
Cob
Note 2
VCB = 5 V, IE = 0 mA, f = 1 MHz
1.5
2.5
pF
2nd Order Intermoduration Distortion
IM2
VCE = 5 V
55
dBc
IC = 50 mA,
VO = 105 dB
µV/75 Ω,
f = 190
− 90 MHz
VCE = 10 V
63
3rd Order Intermoduration Distortion
IM3
VCE = 5 V
76
dBc
IC = 50 mA,
VO = 105 dB
µV/75 Ω,
f = 2
× 190 − 200 MHz
VCE = 10 V
81
Notes 1. Pulse measurement: PW
≤ 350
µs, Duty Cycle ≤ 2%
2. Collector to base capacitance when the emitter grounded
hFE CLASSIFICATION
Rank
SH
SF
SE
Marking
SH
SF
SE
hFE Value
50 to 100
80 to 160
125 to 250


同様の部品番号 - 2SC4703_15

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
2SC4703-A RENESAS-2SC4703-A Datasheet
137Kb / 2P
   RF & Microwave device
2SC4703-T1 RENESAS-2SC4703-T1 Datasheet
181Kb / 9P
   NPN EPITAXIAL SILICON RF TRANSISTOR FOR
logo
California Eastern Labs
2SC4703-T1 CEL-2SC4703-T1 Datasheet
163Kb / 7P
   NPN EPITAXIAL SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW DISTORTION AMPLIFIER 3-PIN POWER MINIMOLD
More results

同様の説明 - 2SC4703_15

メーカー部品番号データシート部品情報
logo
California Eastern Labs
NE46234 CEL-NE46234 Datasheet
163Kb / 7P
   NPN EPITAXIAL SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW DISTORTION AMPLIFIER 3-PIN POWER MINIMOLD
2SC5337 CEL-2SC5337 Datasheet
877Kb / 6P
   NPN Silicon RF Transistor for High-Frequency Low Distortion Amplifier 4-Pin Power Minimold
logo
Renesas Technology Corp
2SC5336 RENESAS-2SC5336_15 Datasheet
180Kb / 10P
   NPN SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW DISTORTION AMPLIFIER 4-PIN POWER MINIMOLD
2SC5338 RENESAS-2SC5338_15 Datasheet
186Kb / 10P
   NPN SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW DISTORTION AMPLIFIER 4-PIN POWER MINIMOLD
2SC5337 RENESAS-2SC5337_15 Datasheet
99Kb / 7P
   NPN Silicon RF Transistor for High-Frequency Low Distortion Amplifier 4-Pin Power Minimold
2SC4536 RENESAS-2SC4536_15 Datasheet
181Kb / 9P
   NPN EPITAXIAL SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION 3-PIN POWER MINIMOLD
2SC3357 RENESAS-2SC3357 Datasheet
218Kb / 10P
   NPN EPITAXIAL SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION 3-PIN POWER MINIMOLD
2SC4227 RENESAS-2SC4227_15 Datasheet
202Kb / 9P
   NPN EPITAXIAL SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION 3-PIN MINIMOLD
2SC4226-T1-A RENESAS-2SC4226-T1-A Datasheet
149Kb / 8P
   NPN Silicon RF Transistor NPN Epitaxial Silicon RF Transistor for High-Frequency Low-Noise Amplification 3-pin super Minimold
2SC4228 RENESAS-2SC4228_15 Datasheet
202Kb / 9P
   NPN EPITAXIAL SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION 3-PIN SUPER MINIMOLD
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com