データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KRA762U データシート(PDF) 1 Page - KEC(Korea Electronics)

部品番号 KRA762U
部品情報  EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  KEC [KEC(Korea Electronics)]
ホームページ  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KRA762U データシート(HTML) 1 Page - KEC(Korea Electronics)

  KRA762U Datasheet HTML 1Page - KEC(Korea Electronics) KRA762U Datasheet HTML 2Page - KEC(Korea Electronics) KRA762U Datasheet HTML 3Page - KEC(Korea Electronics) KRA762U Datasheet HTML 4Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2002. 7. 9
1/4
SEMICONDUCTOR
TECHNICAL DATA
KRA760U~KRA764U
EPITAXIAL PLANAR PNP TRANSISTOR
Revision No : 3
SWITCHING APPLICATION.
INTERFACE CIRCUIT AND DRIVER CIRCUIT APPLICATION.
FEATURES
With Built-in Bias Resistors.
Simplify Circuit Design.
Reduce a Quantity of Parts and Manufacturing Process.
High Packing Density.
DIM
MILLIMETERS
A
B
D
G
US6
2.00 0.20
1.25 0.1
2.1 0.1
0.2+0.10/-0.05
0-0.1
0.9 0.1
0.65
0.15+0.1/-0.05
B1
H
C
T
G
1
3
2
B
B1
D
T
6
4
1.3 0.1
A1
5
+_
+_
+_
+_
+_
1. Q EMITTER
4. Q EMITTER
3. Q COLLECTOR
5. Q BASE
6. Q COLLECTOR
1
2
2. Q BASE
1
1
2
2
EQUIVALENT CIRCUIT
MAXIMUM RATING (Ta=25
)
MARK SPEC
R1
C
E
B
Type Name
12
3
6
54
ELECTRICAL CHARACTERISTICS (Ta=25
)
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector-Base Voltage
VCBO
-50
V
Collector-Emitter Voltage
VCEO
-50
V
Emitter-Base Voltage
VEBO
-5
V
Collector Current
IC
-100
mA
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector Power Dissipation
PC *
200
mW
Junction Temperature
Tj
150
Storage TemperatureRange
Tstg
-55
150
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Collector Cut-off Current
ICBO
VCB=-50V, IE=0
-
-
-100
nA
Emitter Cut-off Current
IEBO
VEB=-5V, IC=0
-
-
-100
nA
DC Current Gain
hFE
VCE=-5V, IC=-1mA
120
-
-
Collector-Emitter Saturation Voltage
VCE(sat)
IC=-10mA, IB=-0.5mA
-
-0.1
-0.3
V
Transition Frequency
fT *
VCE=-10V, IC=-5mA
-
250
-
MHz
Input Resistor
KRA760U
R1
-
4.7
-
k
KRA761U
-
10
-
KRA762U
-
100
-
KRA763U
-
22
-
KRA764U
-
47
-
TYPE
KRA760U
KRA761U
KRA762U
KRA763U
KRA764U
MARK
PK
PM
PN
PO
PP
EQUIVALENT CIRCUIT (TOP VIEW)
1
Q1
23
65
4
Q2
Marking
* Total Rating.


同様の部品番号 - KRA762U

メーカー部品番号データシート部品情報
logo
KEC(Korea Electronics)
KRA762E KEC-KRA762E Datasheet
49Kb / 4P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
More results

同様の説明 - KRA762U

メーカー部品番号データシート部品情報
logo
KEC(Korea Electronics)
KRA310 KEC-KRA310 Datasheet
163Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRA560U KEC-KRA560U Datasheet
50Kb / 4P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRA727E KEC-KRA727E Datasheet
89Kb / 4P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRA116M KEC-KRA116M Datasheet
178Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRA557E KEC-KRA557E Datasheet
89Kb / 4P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRA566U KEC-KRA566U Datasheet
69Kb / 6P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRA727U KEC-KRA727U Datasheet
90Kb / 4P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRA730E KEC-KRA730E Datasheet
49Kb / 4P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRA730U KEC-KRA730U Datasheet
50Kb / 4P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRA751U KEC-KRA751U Datasheet
113Kb / 6P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRA766U KEC-KRA766U Datasheet
70Kb / 6P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com