データシートサーチシステム |
|
LM3Z3V3T1G データシート(PDF) 1 Page - Leshan Radio Company |
|
LM3Z3V3T1G データシート(HTML) 1 Page - Leshan Radio Company |
1 / 6 page Zener Voltage Regulators 200 mW SOD–323 Surface Mount SOD– 323 1 2 LM3Z2V4T1G SERIES xx M MARKING DIAGRAM x x = Specific Device Code M =Date Code This series of Zener diodes is packaged in a SOD–323 surface mount package that has a power dissipation of 200 mW. They are designed to provide voltage regulation protection and are especially attractive in situations where space is at a premium. They are well suited for applications such as cellular phones, hand held portables, and high density PC boards. Specification Features: • Standard Zener Breakdown Voltage Range – 2.4 V to 75 V • Steady State Power Rating of 200 mW • Small Body Outline Dimensions: 0.067" x 0.049"(1.7 mm x 1.25 mm) . Low Body Height: 0.035" (0.9 mm) • Package Weight: 4.507 mg/unit • ESD Rating of Class 3 (>16 kV) per Human Body Model • Pb-Free package is available. Mechanical Characteristics: CASE: Void-free, transfer-molded plastic FINISH: All external surfaces are corrosion resistant MAXIMUM CASE TEMPERATURE FOR SOLDERING PURPOSES: 260°C for 10 Seconds POLARITY: Cathode indicated by polarity band FLAMMABILITY RATING: UL94 V-0 MOUNTING POSITION: Any 2 ANODE 1 CATHODE MAXIMUM RATINGS Rating Symbol Max Unit Total Device Dissipation FR–5 Board, PD (Note 1.) @ TA = 25°C 200 mW Derate above 25°C 1.5 mW/°C Thermal Resistance from RθJA 635 °C/W Junction to Ambient Junction and Storage TJ, Tstg –65 to+150 °C Temperature Range 1. FR–4 Minimum Pad ORDERING INFORMATION Device* Package Shipping LM3ZxxxT1G SOD-323 3000/Tape&Reel LM3ZxxxT3G SOD-323 10000/Tape&Reel LESHAN RADIO COMPANY, LTD. 1/6 We declare that the material of product compliance with RoHS requirements. |
同様の部品番号 - LM3Z3V3T1G_15 |
|
同様の説明 - LM3Z3V3T1G_15 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |