データシートサーチシステム |
|
KRX205U データシート(PDF) 1 Page - KEC(Korea Electronics) |
|
KRX205U データシート(HTML) 1 Page - KEC(Korea Electronics) |
1 / 3 page 2002. 12. 18 1/3 SEMICONDUCTOR TECHNICAL DATA KRX205U Revision No : 1 SWITCHING APPLICATION. INTERFACE CIRCUIT AND DRIVER CIRCUIT APPLICATION. FEATURES Including two devices in US6. (Ultra Super mini type with 6 leads.) With Built-in bias resistors. Simplify circuit design. Reduce a quantity of parts and manufacturing process. DIM MILLIMETERS A B D G US6 2.00 0.20 1.25 0.1 2.1 0.1 0.2+0.10/-0.05 0-0.1 0.9 0.1 0.65 0.15+0.1/-0.05 B1 H C T G 1 3 2 B B1 D T 6 4 1.3 0.1 A1 5 +_ +_ +_ +_ +_ 1. Q COMMON (EMITTER) 4. Q COMMON (EMITTER) 3. Q OUT (COLLECTOR) 5. Q IN (BASE) 6. Q OUT (COLLECTOR) 1 2 2. Q IN (BASE) 1 1 2 2 EQUIVALENT CIRCUIT Q1 MAXIMUM RATING (Ta=25 ) R1 COMMON OUT Q 1 1 IN R1 COMMON OUT Q 2 2 IN Q , Q R1=4.7KΩ 1 Q1 23 65 4 Q2 EQUIVALENT CIRCUIT (TOP VIEW) * Total Raing. CHARACTERISTIC SYMBOL RATING UNIT Collectoor-Base Voltage VCBO 50 V Collector-Emitter Voltage VCEO 50 V Emitter-Base Voltage VEBO 5 V Collector Current IC 100 CHARACTERISTIC SYMBOL RATING UNIT Collector Power Dissipation PC * 200 Junction Temperature Tj 150 Storage Temperature Range Tstg -55 150 BE Type Name 12 3 4 6 5 Q2 MAXIMUM RATING (Ta=25 ) Q1, Q2 MAXIMUM RATING (Ta=25 ) Marking EPITAXIAL PLANAR NPN/PNP TRANSISTOR CHARACTERISTIC SYMBOL RATING UNIT Collectoor-Base Voltage VCBO -50 V Collector-Emitter Voltage VCEO -50 V Emitter-Base Voltage VEBO -5 V Collector Current IC -100 |
同様の部品番号 - KRX205U |
|
同様の説明 - KRX205U |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |