データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KTA1042D データシート(PDF) 1 Page - KEC(Korea Electronics)

部品番号 KTA1042D
部品情報  EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  KEC [KEC(Korea Electronics)]
ホームページ  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTA1042D データシート(HTML) 1 Page - KEC(Korea Electronics)

  KTA1042D Datasheet HTML 1Page - KEC(Korea Electronics) KTA1042D Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2003. 3. 27
1/2
SEMICONDUCTOR
TECHNICAL DATA
KTA1042D/L
EPITAXIAL PLANAR PNP TRANSISTOR
Revision No : 3
GENERAL PURPOSE APPLICATION.
FEATURES
Low Collector-Emitter Saturation Voltage
: VCE(sat)=-2.0V(Max.).
Complementary to KTC2022D/L.
MAXIMUM RATING (Ta=25 )
DPAK
DIM
MILLIMETERS
A
B
C
D
F
H
I
J
K
L
6.60 0.2
6.10 0.2
5.0 0.2
1.10 0.2
2.70 0.2
2.30 0.1
1.00 MAX
2.30 0.2
0.5 0.1
2.00 0.20
0.50 0.10
E
0.91 0.10
M
0.90 0.1
O
A
C
I
J
H
F
F
P
L
12
3
1. BASE
2. COLLECTOR
3. EMITTER
1.00 0.10
P
0.95 MAX
Q
+_
+_
+_
+_
+_
+_
+_
+_
+_
+_
+_
+_
+_
ELECTRICAL CHARACTERISTICS (Ta=25 )
Note : hFE(1) Classification
O:70~140, Y:120~240.
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector-Base Voltage
VCBO
-100
V
Collector-Emitter Voltage
VCEO
-100
V
Emitter-Base Voltage
VEBO
-5
V
Collector Current
IC
-5
A
Base Current
IB
-0.5
A
Collector Power Dissipation (Tc=25 )
PC
20
W
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55 150
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Collector Cut-off Current
ICBO
VCB=-100V, IE=0
-
-
-100
A
Emitter Cut-off Current
IEBO
VEB=-5V, IC=0
-
-
-1
mA
Collector-Emitter Breakdown Voltage
V(BR)CEO
IC=-50mA, IB=0
-100
-
-
V
DC Current Gain
hFE(1) (Note) VCE=-5V, IC=-1A
70
-
240
hFE(2)
VCE=-5V, IC=-4A
20
-
-
Collector-Emitter Saturation Voltage
VCE(sat)
IC=-4A, IB=-0.4A
-
-
-2.0
V
Base-Emitter Voltage
VBE
VCE=-5V, IC=-4A
-
-
-1.5
V
Transition Frequency
fT
VCE=-5V, IC=-1A
-
30
-
MHz
Collector Output Capacitance
Cob
VCB=-10V, IE=0, f=1MHz
-
270
-
pF
DIM
MILLIMETERS
IPAK
H
F
F
C
A
P
L
I
J
123
A
B
C
D
E
F
G
H
I
J
L
P
Q
6.60 0.2
6.10 0.2
5.0 0.2
1.10 0.2
9.50 0.6
2.30 0.1
0.76 0.1
1.0 MAX
2.30 0.2
0.5 0.1
0.50 0.1
1.0 0.1
0.90 MAX
G
1. BASE
2. COLLECTOR
3. EMITTER
K
2.0 0.2
+_
+_
+_
+_
+_
+_
+_
+_
+_
+_
+_
+_


同様の部品番号 - KTA1042D

メーカー部品番号データシート部品情報
logo
KEC(Korea Electronics)
KTA1042D KEC-KTA1042D Datasheet
401Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR
logo
Inchange Semiconductor ...
KTA1042D ISC-KTA1042D Datasheet
250Kb / 2P
   isc Silicon PNP Power Transistor
logo
Jiangsu Changjiang Elec...
KTA1042D JIANGSU-KTA1042D Datasheet
916Kb / 4P
   TO-252-2L Plastic-Encapsulate Transistors
More results

同様の説明 - KTA1042D

メーカー部品番号データシート部品情報
logo
KEC(Korea Electronics)
KTA1276 KEC-KTA1276 Datasheet
121Kb / 1P
   EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE)
logo
Cystech Electonics Corp...
BTB1198M3 CYSTEKEC-BTB1198M3 Datasheet
297Kb / 6P
   General Purpose PNP Epitaxial Planar Transistor
BTP1207A3 CYSTEKEC-BTP1207A3 Datasheet
301Kb / 6P
   General Purpose PNP Epitaxial Planar Transistor
BTP2907AN3 CYSTEKEC-BTP2907AN3 Datasheet
168Kb / 4P
   General Purpose PNP Epitaxial Planar Transistor
BTA733A3 CYSTEKEC-BTA733A3 Datasheet
177Kb / 5P
   General Purpose PNP Epitaxial Planar Transistor
BTA1579S3 CYSTEKEC-BTA1579S3 Datasheet
165Kb / 4P
   General Purpose PNP Epitaxial Planar Transistor
BTP3906N3 CYSTEKEC-BTP3906N3 Datasheet
181Kb / 4P
   General Purpose PNP Epitaxial Planar Transistor
BTA9012A3 CYSTEKEC-BTA9012A3 Datasheet
326Kb / 8P
   General Purpose PNP Epitaxial Planar Transistor
BTP5401A3 CYSTEKEC-BTP5401A3 Datasheet
154Kb / 4P
   General Purpose PNP Epitaxial Planar Transistor
BCP53L3 CYSTEKEC-BCP53L3 Datasheet
265Kb / 7P
   General Purpose PNP Epitaxial Planar Transistor
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com