データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KTA1282 データシート(PDF) 1 Page - KEC(Korea Electronics)

部品番号 KTA1282
部品情報  EPITAXIAL PLANAR PNP TRANSISTOR (HIGH CURRENT)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  KEC [KEC(Korea Electronics)]
ホームページ  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTA1282 データシート(HTML) 1 Page - KEC(Korea Electronics)

  KTA1282 Datasheet HTML 1Page - KEC(Korea Electronics) KTA1282 Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1999. 9. 10
1/2
SEMICONDUCTOR
TECHNICAL DATA
KTA1282
EPITAXIAL PLANAR PNP TRANSISTOR
Revision No : 0
HIGH CURRENT APPLICATION.
FEATURES
Complementary to KTC3210.
MAXIMUM RATING (Ta=25 )
TO-92
DIM
MILLIMETERS
A
B
C
D
F
G
H
J
K
L
4.70 MAX
4.80 MAX
3.70 MAX
0.45
1.00
1.27
0.85
0.45
14.00 0.50
0.55 MAX
2.30
D
1
2
3
B
K
G
H
F
F
E
C
E
N
0.45 MAX
M
1.00
N
1. EMITTER
2. COLLECTOR
3. BASE
+_
ELECTRICAL CHARACTERISTICS (Ta=25 )
Note : hFE Classification 0:100 200,
Y:160 320
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector-Base Voltage
VCBO
-30
V
Collector-Emitter Voltage
VCEO
-30
V
Emitter-Base Voltage
VEBO
-5
V
Collector Current
IC
-2
A
Emitter Current
IE
2
A
Collector Power Dissipation
PC
625
mW
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55 150
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Collector Cut-off Current
ICBO
VCB=-30V, IE=0
-
-
-100
nA
Emitter Cut-off Current
IEBO
VEB=-5V, IC=0
-
-
-100
nA
Collector-Emitter Breakdown Voltage
V(BR)CEO
IC=-10mA, IB=0
-30
-
-
V
Emitter-Base Breakdown Voltage
V(BR)EBO
IC=-1mA, IC=0
-5
-
-
V
DC Current Gain
hFE (Note)
VCE=-2V, IC=-500mA
100
-
320
Collector-Emitter Saturation Voltage
VCE(sat)
IC=-1.5A, IB=-0.03A
-
-
-2.0
V
Base-Emitter Voltage
VBE
VCE=-2V, IC=-500mA
-
-
-1.0
V
Transition Frequency
fT
VCE=-2V, IC=-500mA
-
120
-
MHz
Collector Output Capacitance
Cob
VCB=-10V, IE=0, f=1MHz
-
48
-
pF


同様の部品番号 - KTA1282

メーカー部品番号データシート部品情報
logo
KEC(Korea Electronics)
KTA1281 KEC-KTA1281 Datasheet
578Kb / 3P
   EPITAXIAL PLANAR PNP TRANSISTOR (POWER AMPLIFIER, POWER SWITCHING)
logo
Foshan Blue Rocket Elec...
KTA1281 FOSHAN-KTA1281 Datasheet
783Kb / 6P
   Silicon PNP transistor in a TO-92LM Plastic Package.
logo
Jiangsu Changjiang Elec...
KTA1281 JIANGSU-KTA1281 Datasheet
4Mb / 3P
   TO-92MOD Plastic-Encapsulate Transistors
logo
Micro Commercial Compon...
KTA1281 MCC-KTA1281 Datasheet
182Kb / 2P
   PNP Plastic-Encapsulate Transistors
logo
Guangdong Kexin Industr...
KTA1281-O KEXIN-KTA1281-O Datasheet
1Mb / 3P
   PNP Transistors
More results

同様の説明 - KTA1282

メーカー部品番号データシート部品情報
logo
KEC(Korea Electronics)
KTA1283 KEC-KTA1283 Datasheet
68Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR (HIGH CURRENT)
KTA1661 KEC-KTA1661 Datasheet
337Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR (HIGH CURRENT)
KTA1664 KEC-KTA1664 Datasheet
343Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR (HIGH CURRENT)
BCW68 KEC-BCW68 Datasheet
145Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR (HIGH CURRENT)
KTA1273 KEC-KTA1273 Datasheet
278Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR (HIGH CURRENT)
MPS8550S KEC-MPS8550S Datasheet
390Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR (HIGH CURRENT)
KTA1271 KEC-KTA1271 Datasheet
230Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR (HIGH CURRENT)
KTA1272 KEC-KTA1272 Datasheet
113Kb / 1P
   EPITAXIAL PLANAR PNP TRANSISTOR (HIGH CURRENT)
KTA1663 KEC-KTA1663 Datasheet
284Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR (HIGH CURRENT)
MPS8550 KEC-MPS8550 Datasheet
68Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR (HIGH CURRENT)
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com