データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LMBT2516QLT1G データシート(PDF) 2 Page - Leshan Radio Company

部品番号 LMBT2516QLT1G
部品情報  General Purpose Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LRC [Leshan Radio Company]
ホームページ  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LMBT2516QLT1G データシート(HTML) 2 Page - Leshan Radio Company

  LMBT2516QLT1G_15 Datasheet HTML 1Page - Leshan Radio Company LMBT2516QLT1G_15 Datasheet HTML 2Page - Leshan Radio Company LMBT2516QLT1G_15 Datasheet HTML 3Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LESHAN RADIO COMPANY, LTD.
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector-Emitter Breakdown Voltage
V(BR)CEO
-25
––
V
(IC=-1.0mA)
Emitter-Base Breakdown Voltage
V(BR)EBO
-5
––
V
(IE=-100
µΑ)
Collector-Base Breakdown Voltage
V(BR)CBO
-40
––
V
(IC=-100
µΑ)
Collector Cutoff Current (VCB=-30V)
ICBO
-100
nA
Emitter Cutoff Current (VEB=-4V)
IEBO
-100
nA
DC Current Gain
IC=-100mA,VCE=-1V
HFE
1
00
-
600
Collector-Emitter Saturation Voltage
(IC=-500mA,IB=-50mA)
VCE(S)
-
-
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
ON CHARACTERISTICS
V
NOTE :
*
PQ
R
S
hFE
100~200
150~300
200~400
300~600
LMBT2516QLT1G
Series
-0.5
Rev.O 2/3
Base Emitter Saturation Voltage
(IC=-500mA,IB=-50mA)
VBE(S)
-
-
V
-1.2


同様の部品番号 - LMBT2516QLT1G_15

メーカー部品番号データシート部品情報
logo
Leshan Radio Company
LMBT2516QLT1G LRC-LMBT2516QLT1G Datasheet
138Kb / 3P
   General Purpose Transistors PNP Silicon
More results

同様の説明 - LMBT2516QLT1G_15

メーカー部品番号データシート部品情報
logo
ON Semiconductor
2N4403 ONSEMI-2N4403 Datasheet
106Kb / 7P
   General Purpose Transistors
March, 2007 ??Rev. 3
logo
E-Tech Electronics LTD
BC846ALT1 ETL-BC846ALT1 Datasheet
194Kb / 4P
   General Purpose Transistors
logo
List of Unclassifed Man...
SC2412KLT1 ETC1-SC2412KLT1 Datasheet
151Kb / 3P
   General Purpose Transistors
logo
Motorola, Inc
BCW61BLT1 MOTOROLA-BCW61BLT1 Datasheet
394Kb / 8P
   General Purpose Transistors
logo
ON Semiconductor
MMBT2131T1 ONSEMI-MMBT2131T1_06 Datasheet
66Kb / 4P
   General Purpose Transistors
January, 2006 ??Rev. 4
MMBT2222LT1G ONSEMI-MMBT2222LT1G_09 Datasheet
132Kb / 7P
   General Purpose Transistors
October, 2009 ??Rev. 9
SBC847CWT1G ONSEMI-SBC847CWT1G Datasheet
107Kb / 13P
   General Purpose Transistors
August, 2014 ??Rev. 10
logo
WILLAS ELECTRONIC CORP
2SA812XLT1 WILLAS-2SA812XLT1 Datasheet
351Kb / 5P
   General Purpose Transistors
MMBT3906TT1 WILLAS-MMBT3906TT1 Datasheet
378Kb / 6P
   General Purpose Transistors
BC817-XXLT1 WILLAS-BC817-XXLT1 Datasheet
164Kb / 3P
   General Purpose Transistors
logo
ON Semiconductor
BC846ALT1G ONSEMI-BC846ALT1G_15 Datasheet
116Kb / 13P
   General Purpose Transistors
March, 2015 ??Rev. 14
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com