データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LMBT4401LT1G データシート(PDF) 4 Page - Leshan Radio Company

部品番号 LMBT4401LT1G
部品情報  General Purpose Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LRC [Leshan Radio Company]
ホームページ  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LMBT4401LT1G データシート(HTML) 4 Page - Leshan Radio Company

  LMBT4401LT1G_15 Datasheet HTML 1Page - Leshan Radio Company LMBT4401LT1G_15 Datasheet HTML 2Page - Leshan Radio Company LMBT4401LT1G_15 Datasheet HTML 3Page - Leshan Radio Company LMBT4401LT1G_15 Datasheet HTML 4Page - Leshan Radio Company LMBT4401LT1G_15 Datasheet HTML 5Page - Leshan Radio Company LMBT4401LT1G_15 Datasheet HTML 6Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
LESHAN RADIO COMPANY, LTD.
LMBT4401LT1 UNIT 1
LMBT4401LT1 UNIT 2
h PARAMETERS
(V
CE = 10 Vdc, f = 1.0 kHz, T A = 25°C)
This group of graphs illustrates the relationship between h fe and other “h” parameters for this series of
ransistors. To obtain these curves, a high–gain and a low–gain unit were selected from the LMBT4401LT1
lines, and the same units were used to develop the correspondingly numbered curves on each graph.
I
C , COLLECTOR CURRENT (mA)
Figure 11. Current Gain
I
C , COLLECTOR CURRENT (mA)
Figure 13. Voltage Feedback Ratio
0.1
0.2
0.3
0.5
0.7
1.0
2.0
3.0
7.0 5.0
10
300
200
100
70
50
30
20
10
7.0
5.0
3.0
2.0
1.0
0.7
0.5
0.3
0.2
I
C , COLLECTOR CURRENT (mA)
Figure 12. Input Impedance
50
20
10
5.0
2.0
1.0
0.5
I
C , COLLECTOR CURRENT (mA)
Figure 14. Output Admittance
100
50
20
10
5.0
2.0
1.0
SMALL–SIGNAL CHARACTERISTICS
NOISE FIGURE
V CE = 10 Vdc, T A = 25°C
Bandwidth = 1.0 Hz
0.1
0.2
0.3
0.5
0.7
1.0
2.0
3.0
7.0 5.0
10
LMBT4401LT1 UNIT 1
LMBT4401LT1 UNIT 2
LMBT4401LT1 UNIT 1
LMBT4401LT1 UNIT 2
LMBT4401LT1 UNIT 1
LMBT4401LT1 UNIT 2
0.1
0.2
0.3
0.5
0.7
1.0
2.0
3.0
7.0 5.0
10
0.1
0.2
0.3
0.5
0.7
1.0
2.0
3.0
7.0 5.0
10
R
S, SOURCE RESISTANCE (kΩ)
Figure 10. Source Resistance Effects
f = 1.0 kHz
0.010.02
0.05 0.1
0.2
0.5 1.0
2.0
5.0
10
20
50
100
10
8.0
6.0
4.0
2.0
0
500
100
200
500
1.0k
2.0k
5.0k
10k
20k
50k
100k
f , FREQUENCY (kHz)
Figure 9. Frequency Effects
I
C = 50 µA
I
C = 100 µA
I
C
= 500
µA
I
C = 1.0 mA
I
C = 1.0 mA, R S = 150 Ω
I
C
= 500
µA, R
S
= 200
I
C = 100 µA, R S = 2.0 kΩ
I
C = 50 µA, R S = 4.0 kΩ
R
S = OPTIMUM
RS = SOURCE
RS = RESISTANCE
10
8.0
6.0
4.0
2.0
0
Rev.O 4/6
LMBT4401LT1G;S-LMBT4401LT1G


同様の部品番号 - LMBT4401LT1G_15

メーカー部品番号データシート部品情報
logo
Leshan Radio Company
LMBT4401LT1G LRC-LMBT4401LT1G Datasheet
272Kb / 6P
   General Purpose Transistor
logo
Shanghai Leiditech Elec...
LMBT4401LT1G LEIDITECH-LMBT4401LT1G Datasheet
1,014Kb / 5P
   We declare that the material of product compliant with RoHS requirements and Halogen Free
More results

同様の説明 - LMBT4401LT1G_15

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FJX3904 FAIRCHILD-FJX3904 Datasheet
41Kb / 4P
   General Purpose Transistor
logo
Rohm
EML17 ROHM-EML17 Datasheet
76Kb / 4P
   General purpose transistor
logo
Unisonic Technologies
2SA1774 UTC-2SA1774 Datasheet
105Kb / 3P
   GENERAL PURPOSE TRANSISTOR
2SC4617 UTC-2SC4617 Datasheet
107Kb / 4P
   GENERAL PURPOSE TRANSISTOR
BCX70 UTC-BCX70 Datasheet
114Kb / 2P
   GENERAL PURPOSE TRANSISTOR
logo
STMicroelectronics
BC141-16 STMICROELECTRONICS-BC141-16 Datasheet
423Kb / 5P
   GENERAL PURPOSE TRANSISTOR
logo
Fairchild Semiconductor
KSP2222 FAIRCHILD-KSP2222 Datasheet
37Kb / 4P
   General Purpose Transistor
BCX70H FAIRCHILD-BCX70H_02 Datasheet
77Kb / 3P
   General Purpose Transistor
logo
Motorola, Inc
BCW65ALT1 MOTOROLA-BCW65ALT1 Datasheet
84Kb / 4P
   General Purpose Transistor
BCW68GLT1 MOTOROLA-BCW68GLT1 Datasheet
82Kb / 4P
   General Purpose Transistor
MPS3906 MOTOROLA-MPS3906 Datasheet
433Kb / 8P
   General Purpose Transistor
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com