データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LDTC114EET1G データシート(PDF) 2 Page - Leshan Radio Company

部品番号 LDTC114EET1G
部品情報  Bias Resistor Transistors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LRC [Leshan Radio Company]
ホームページ  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LDTC114EET1G データシート(HTML) 2 Page - Leshan Radio Company

  LDTC114EET1G_15 Datasheet HTML 1Page - Leshan Radio Company LDTC114EET1G_15 Datasheet HTML 2Page - Leshan Radio Company LDTC114EET1G_15 Datasheet HTML 3Page - Leshan Radio Company LDTC114EET1G_15 Datasheet HTML 4Page - Leshan Radio Company LDTC114EET1G_15 Datasheet HTML 5Page - Leshan Radio Company LDTC114EET1G_15 Datasheet HTML 6Page - Leshan Radio Company LDTC114EET1G_15 Datasheet HTML 7Page - Leshan Radio Company LDTC114EET1G_15 Datasheet HTML 8Page - Leshan Radio Company LDTC114EET1G_15 Datasheet HTML 9Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
LESHAN RADIO COMPANY, LTD.
ORDERING INFORMATION AND RESISTOR VALUES
Device
Marking
R1 (K)
R2 (K)
Package
Shipping
8A
10
10
LDTC114EET1G
SC−89
3000 Tape & Reel
8B
22
22
LDTC124EET1G
SC−89
3000 Tape & Reel
8C
47
47
LDTC144EET1G
SC−89
3000 Tape & Reel
8D
10
47
LDTC114YET1G
SC−89
3000 Tape & Reel
94
10
LDTC114TET1G
SC−89
3000 Tape & Reel
8F
4.7
LDTC143TET1G
SC−89
3000 Tape & Reel
8H
2.2
2.2
LDTC123EET1G
SC−89
3000 Tape & Reel
8J
4.7
4.7
LDTC143EET1G
SC−89
3000 Tape & Reel
8K
4.7
47
LDTC143ZET1G
SC−89
3000 Tape & Reel
8L
22
47
LDTC124XET1G
SC−89
3000 Tape & Reel
8M
2.2
47
LDTC123JET1G
SC−89
3000 Tape & Reel
8N
100
100
LDTC115EET1G
SC−89
3000 Tape & Reel
8P
47
22
LDTC144WET1G
SC−89
3000 Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector−Base Cutoff Current (VCB = 50 V, IE = 0)
ICBO
100
nAdc
Collector−Emitter Cutoff Current (VCE = 50 V, IB = 0)
ICEO
500
nAdc
Emitter−Base Cutoff Current
LDTC114EET1G
(VEB = 6.0 V, IC = 0)
LDTC124EET1G
LDTC144EET1G
LDTC114YET1G
LDTC114TET1G
LDTC143TET1G
LDTC123EET1G
LDTC143EET1G
LDTC143ZET1G
LDTC124XET1G
LDTC123JET1G
LDTC115EET1G
LDTC144WET1G
IEBO
0.5
0.2
0.1
0.2
0.9
1.9
2.3
1.5
0.18
0.13
0.2
0.05
0.13
mAdc
Collector−Base Breakdown Voltage (IC = 10 mA, IE = 0)
V(BR)CBO
50
Vdc
Collector−Emitter Breakdown Voltage (Note 3)
(IC = 2.0 mA, IB = 0)
V(BR)CEO
50
Vdc
LDTC114EET1G Series,S-LDTC114EET1G Series
Rev.B 2/9


同様の部品番号 - LDTC114EET1G_15

メーカー部品番号データシート部品情報
logo
Leshan Radio Company
LDTC114EET1G LRC-LDTC114EET1G Datasheet
416Kb / 4P
   Bias Resistor Transistor
logo
Shanghai Leiditech Elec...
LDTC114EET1G LEIDITECH-LDTC114EET1G Datasheet
1Mb / 9P
   Bias Resistor Transistors NPN Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
More results

同様の説明 - LDTC114EET1G_15

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MMUN2111LT1 ONSEMI-MMUN2111LT1_05 Datasheet
90Kb / 8P
   Bias Resistor Transistors
August, 2005 ??Rev. 5
logo
Leshan Radio Company
LDTA114EM3T5G LRC-LDTA114EM3T5G Datasheet
191Kb / 11P
   Bias Resistor Transistors
LDTA124XM3T5G LRC-LDTA124XM3T5G_15 Datasheet
143Kb / 11P
   Bias Resistor Transistors
LDTA143EM3T5G LRC-LDTA143EM3T5G_15 Datasheet
143Kb / 11P
   Bias Resistor Transistors
LMUN2114LT1G LRC-LMUN2114LT1G_15 Datasheet
137Kb / 8P
   Bias Resistor Transistors
LMUN2131LT1G LRC-LMUN2131LT1G_15 Datasheet
137Kb / 8P
   Bias Resistor Transistors
LMUN2240LT1G LRC-LMUN2240LT1G_15 Datasheet
189Kb / 16P
   Bias Resistor Transistors
LMUN2111LT1G LRC-LMUN2111LT1G Datasheet
655Kb / 10P
   Bias Resistor Transistors
logo
First Silicon Co., Ltd
DTC301 FS-DTC301 Datasheet
337Kb / 10P
   Bias Resistor Transistors
logo
Leshan Radio Company
LDTA114EM3T5G LRC-LDTA114EM3T5G_15 Datasheet
220Kb / 11P
   Bias Resistor Transistors
LDTA143ZM3T5G LRC-LDTA143ZM3T5G_15 Datasheet
143Kb / 11P
   Bias Resistor Transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com