データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SS8PH10 データシート(PDF) 3 Page - Vishay Siliconix

部品番号 SS8PH10
部品情報  High Current Density Surface Mount
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SS8PH10 データシート(HTML) 3 Page - Vishay Siliconix

  SS8PH10_15 Datasheet HTML 1Page - Vishay Siliconix SS8PH10_15 Datasheet HTML 2Page - Vishay Siliconix SS8PH10_15 Datasheet HTML 3Page - Vishay Siliconix SS8PH10_15 Datasheet HTML 4Page - Vishay Siliconix SS8PH10_15 Datasheet HTML 5Page - Vishay Siliconix SS8PH10_15 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SS8PH9, SS8PH10
www.vishay.com
Vishay General Semiconductor
Revision: 16-Jan-14
3
Document Number: 88989
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
RATINGS AND CHARACTERISTICS CURVES (TA = 25 C unless otherwise noted)
Fig. 1 - Maximum Forward Current Derating Curve
Fig. 2 - Forward Power Loss Characteristics
Fig. 3 - Typical Instantaneous Forward Characteristics
Fig. 4 - Typical Reverse Characteristics
Fig. 5 - Typical Junction Capacitance
Fig. 6 - Typical Transient Thermal Impedance
0
2
1
3
4
5
6
7
8
9
10
100
110
120
130
140
150
160
170
180
Lead Temperature (°C)
T
L measured
at the Cathode Band Terminal
Resistive or Inductive Load
0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
D = 0.1
D = 0.2
D = 0.3
D = 0.5
D = 0.8
D = 1.0
Average Forward Current (A)
D = t
p/T
t
p
T
0.01
0.1
1
10
100
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
T
A = 175 °C
T
A = 125 °C
T
A = 150 °C
T
A = 25 °C
Instantaneous Forward Voltage (V)
0.001
0.01
0.1
1
10
100
1000
10 000
10
20
30
40
50
60
70
80
90
100
Percent of Rated Peak Reverse Voltage (%)
T
A = 175 °C
T
A = 150 °C
T
A = 125 °C
T
A = 25 °C
10
100
1000
0.1
1
10
100
Reverse Voltage (V)
0.01
0.1
1
10
100
1
10
100
t - Pulse Duration (s)
Junction to Ambient


同様の部品番号 - SS8PH10_15

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SS8PH10-E3/86A VISHAY-SS8PH10-E3/86A Datasheet
112Kb / 5P
   High Current Density Surface Mount High-Voltage Schottky Rectifier
Revision: 30-Jul-08
SS8PH10-E3/87A VISHAY-SS8PH10-E3/87A Datasheet
112Kb / 5P
   High Current Density Surface Mount High-Voltage Schottky Rectifier
Revision: 30-Jul-08
SS8PH10-M3-86A VISHAY-SS8PH10-M3-86A Datasheet
98Kb / 5P
   High Current Density Surface Mount High Voltage Schottky Rectifier
Revision: 28-Jun-11
SS8PH10-M3-87A VISHAY-SS8PH10-M3-87A Datasheet
98Kb / 5P
   High Current Density Surface Mount High Voltage Schottky Rectifier
Revision: 28-Jun-11
SS8PH10-M3/86A VISHAY-SS8PH10-M3/86A Datasheet
112Kb / 5P
   High Current Density Surface Mount High-Voltage Schottky Rectifier
Revision: 30-Jul-08
More results

同様の説明 - SS8PH10_15

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SS2P3-M3 VISHAY-SS2P3-M3 Datasheet
87Kb / 4P
   High Current Density Surface Mount High Current Density Surface Mount
Revision: 02-Aug-13
SS5P10 VISHAY-SS5P10_15 Datasheet
96Kb / 6P
   High Current Density Surface Mount
Revision: 18-Jun-12
SS3P3 VISHAY-SS3P3_15 Datasheet
87Kb / 4P
   High Current Density Surface Mount Schottky Barrier Rectifiers
Revision: 13-Apr-15
logo
Bruckewell Technology L...
SS10PU200 BWTECH-SS10PU200 Datasheet
618Kb / 2P
   High Current Density Surface Mount
logo
Vishay Siliconix
V10PWM10 VISHAY-V10PWM10 Datasheet
140Kb / 5P
   High Current Density Surface-Mount TMBS® (Trench MOS Barrier Schottky) Rectifier Ultra Low VF = 0.48 V at IF = 5 A
Revision: 04-Mar-2021
logo
Bruckewell Technology L...
SS15P50 BWTECH-SS15P50 Datasheet
543Kb / 3P
   High Current Density Surface Mount
logo
Vishay Siliconix
V15P45 VISHAY-V15P45_15 Datasheet
87Kb / 6P
   High Current Density Surface Mount
Revision: 12-Oct-12
V20PWM12 VISHAY-V20PWM12 Datasheet
120Kb / 5P
   High Current Density Surface Mount
Revision: 01-Jun-17
SS5P4 VISHAY-SS5P4_15 Datasheet
97Kb / 6P
   High Current Density Surface Mount
Revision: 02-Aug-13
S4PG-M3 VISHAY-S4PG-M3 Datasheet
94Kb / 5P
   High Current Density Surface Mount
Revision: 05-Jul-12
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com