データシートサーチシステム |
|
SS25 データシート(PDF) 2 Page - Vishay Siliconix |
|
SS25 データシート(HTML) 2 Page - Vishay Siliconix |
2 / 4 page SS22, SS23, SS24, SS25, SS26 www.vishay.com Vishay General Semiconductor Revision: 04-Aug-15 2 Document Number: 88748 For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 Note (1) Pulse test: 300 μs pulse width, 1 % duty cycle Note (1) PCB mounted with 0.55" x 0.55" (14 mm x 14 mm) copper pad areas Note (1) AEC-Q101 qualified RATINGS AND CHARACTERISTICS CURVES (TA = 25 C unless otherwise noted) Fig. 1 - Forward Current Derating Curve Fig. 2 - Maximum Non-Repetitive Surge Current ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted) PARAMETER TEST CONDITIONS SYMBOL SS22SS23SS24SS25SS26UNIT Maximum instantaneous forward voltage (1) 2.0 A VF 0.5 0.7 V Maximum DC reverse current at rated DC blocking voltage (1) TA = 25 °C IR 0.4 mA TA = 100 °C 10 THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted) PARAMETER SYMBOL SS22SS23SS24SS25 SS26 UNIT Typical thermal resistance (1) RJA 75 °C/W RJL 17 ORDERING INFORMATION (Example) PREFERRED P/N UNIT WEIGHT (g) PREFERRED PACKAGE CODE BASE QUANTITY DELIVERY MODE SS24-E3/52T 0.096 52T 750 7" diameter plastic tape and reel SS24-E3/5BT 0.096 5BT 3200 13" diameter plastic tape and reel SS24HE3/52T (1) 0.096 52T 750 7" diameter plastic tape and reel SS24HE3/5BT (1) 0.096 5BT 3200 13" diameter plastic tape and reel SS24HE3_A/H (1) 0.096 H 750 7" diameter plastic tape and reel SS24HE3_A/I (1) 0.096 I 3200 13" diameter plastic tape and reel 0 0.5 1.0 1.5 2.0 2.5 025 50 75 100 125 150 Lead Temperature (°C) PCB Mounted on 0.2" x 0.2" (5.0 mm x 5.0 mm) Copper Pad Area SS22 thru SS26 1 10 100 0 20 40 60 80 100 At Rated T L 8.3 ms Single Half Sine-Wave Number of Cycles at 60 Hz |
同様の部品番号 - SS25 |
|
同様の説明 - SS25 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |