データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1N4937G データシート(PDF) 6 Page - Leshan Radio Company

部品番号 1N4937G
部品情報  Glass Passivated Junction Fast Recovery Rectifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LRC [Leshan Radio Company]
ホームページ  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

1N4937G データシート(HTML) 6 Page - Leshan Radio Company

  1N4937G_15 Datasheet HTML 1Page - Leshan Radio Company 1N4937G_15 Datasheet HTML 2Page - Leshan Radio Company 1N4937G_15 Datasheet HTML 3Page - Leshan Radio Company 1N4937G_15 Datasheet HTML 4Page - Leshan Radio Company 1N4937G_15 Datasheet HTML 5Page - Leshan Radio Company 1N4937G_15 Datasheet HTML 6Page - Leshan Radio Company 1N4937G_15 Datasheet HTML 7Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
标题:
4 编带规格 brede spec
26/tape
35/tape
40/tape
42/tape
52/tape
52/tape#
W
26 0.0/+1.6 35 -1.0/+0.5 40 -1.0/+0.5 42 -1.0/+1.0 52 -1.0/+2.0 52 -1.0/+2.0
P
5±0.55±0.55±0.55±0.5
5±0.5
10±0.5
L1-L2
1.0
1.0
1.0
1.0
1.0
1.0
H
6±1.06±1.06±1.06±1.0
6±1.0
6±1.0
Z
1.0
1.0
1.0
1.0
1.0
1.0
R
1.0
1.0
1.0
1.0
1.0
1.0
T
3.5
3.5
3.5
3.5
3.5
3.5
注: 52编带# 为DO-201AD编带规格 "52编带#" just for D0-201AD
1. 红白编带厚度为0.05mm;两种胶带各自之间无明显色差;编带要求均为胶带。
The typing thickness is 0.05mm and color is obvious difference
2. 两端引带20~40cm. Typing lead over 20~40cm
3. 红色编带一端为二极管“负极”;白色编带一端为二极管“正极”。
red color is cathode ,white color is anode
4. 无卤 green epoxy compound(无卤产品才贴HF only)
尺寸代号
编带尺寸 typing dimension
第 3 页
文件编号: WI-250
塑封生产线轴向产品包装规范
第 4 版
第 0 次修改
Green


同様の部品番号 - 1N4937G_15

メーカー部品番号データシート部品情報
logo
Diodes Incorporated
1N4937G-A DIODES-1N4937G-A Datasheet
88Kb / 3P
   1.0A FAST RECOVERY GLASS PASSIVATED RECTIFIER
DS27002 Rev. 6 - 2
1N4937G-B DIODES-1N4937G-B Datasheet
88Kb / 3P
   1.0A FAST RECOVERY GLASS PASSIVATED RECTIFIER
DS27002 Rev. 6 - 2
1N4937G-T DIODES-1N4937G-T Datasheet
88Kb / 3P
   1.0A FAST RECOVERY GLASS PASSIVATED RECTIFIER
DS27002 Rev. 6 - 2
logo
Won-Top Electronics
1N4937G-T3 WTE-1N4937G-T3 Datasheet
54Kb / 4P
   1.0A GLASS PASSIVATED FAST RECOVERY DIODE
1N4937G-TB WTE-1N4937G-TB Datasheet
54Kb / 4P
   1.0A GLASS PASSIVATED FAST RECOVERY DIODE
More results

同様の説明 - 1N4937G_15

メーカー部品番号データシート部品情報
logo
Central Semiconductor C...
CR5F-010 CENTRAL-CR5F-010_15 Datasheet
262Kb / 2P
   GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIER
logo
EIC discrete Semiconduc...
SMR1A EIC-SMR1A Datasheet
76Kb / 2P
   GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIER
logo
Zowie Technology Corpor...
RGP10A ZOWIE-RGP10A Datasheet
61Kb / 2P
   SINTERED GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIER
RGP02-12H ZOWIE-RGP02-12H Datasheet
64Kb / 2P
   SINTERED GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIER
logo
Jinan Jing Heng Electro...
US2A JINGHENG-US2A Datasheet
52Kb / 2P
   GLASS PASSIVATED JUNCTION ULTRA FAST RECOVERY RECTIFIER
logo
Zowie Technology Corpor...
WRGP10AH ZOWIE-WRGP10AH Datasheet
63Kb / 2P
   SINTERED GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIER
logo
Shenzhen Taychipst Elec...
RGP15A TAYCHIPST-RGP15A Datasheet
4Mb / 2P
   SINTERED GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIER
logo
Zowie Technology Corpor...
RGP20A ZOWIE-RGP20A Datasheet
60Kb / 2P
   SINTERED GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIER
RGP30A ZOWIE-RGP30A Datasheet
59Kb / 2P
   SINTERED GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIER
logo
Pan Jit International I...
PG4933 PANJIT-PG4933_09 Datasheet
68Kb / 2P
   GLASS PASSIVATED JUNCTION FAST RECOVERY PLASTIC RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com