データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1N4448WT データシート(PDF) 2 Page - TAITRON Components Incorporated

部品番号 1N4448WT
部品情報  Two Terminals SMD Switching Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TAITRON [TAITRON Components Incorporated]
ホームページ  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

1N4448WT データシート(HTML) 2 Page - TAITRON Components Incorporated

  1N4448WT Datasheet HTML 1Page - TAITRON Components Incorporated 1N4448WT Datasheet HTML 2Page - TAITRON Components Incorporated 1N4448WT Datasheet HTML 3Page - TAITRON Components Incorporated 1N4448WT Datasheet HTML 4Page - TAITRON Components Incorporated 1N4448WT Datasheet HTML 5Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Two Terminals SMD Switching Diode
Rev. B/AH
1N4448WT
www.taitroncomponents.com
Page 2 of 5
Electrical Characteristics (T Ambient=25ºC unless noted otherwise)
Symbol
Description
1N4448WT
Unit
Conditions
0.72
IF=5mA
VF
Maximum Forward Voltage
1.00
V
IF=100mA
IR
Maximum DC Reverse Current at Rated DC Blocking
Voltage, TJ=25 °C
2.5
µA
VR=75V
CT
Maximum Total Capacitance
4
pF
VR=0V, f=1MHz
Trr
Maximum Reverse Recovery Time
4
ns
IF=10mA, IR=1mA,
VR=6V,
RL=100Ω
Typical Characteristics Curves
Fig.1- Power Derating Curve
Ambient Temperature TA (°C)
Fig.2- Typical Forward Characteristics
Forward Voltage, VF (V)


同様の部品番号 - 1N4448WT

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
1N4448WT FAIRCHILD-1N4448WT Datasheet
134Kb / 6P
   High Conductance Fast Switching Diode
logo
Nanjing International G...
1N4448WT DGNJDZ-1N4448WT Datasheet
1Mb / 4P
   SOD-523 Plastic-Encapsulate Transistors
logo
SEMTECH ELECTRONICS LTD...
1N4448WT SEMTECH_ELEC-1N4448WT Datasheet
327Kb / 3P
   SILICON EPITAXIAL PLANAR DIODE
logo
Goodwork Semiconductor ...
1N4448WT GWSEMI-1N4448WT Datasheet
358Kb / 3P
   Silicon Epitaxial Planar Switching Diode
logo
Surge Components
1N4448WT SURGE-1N4448WT Datasheet
2Mb / 3P
   Silicin Epitaxial Planar Switching Diode
More results

同様の説明 - 1N4448WT

メーカー部品番号データシート部品情報
logo
TAITRON Components Inco...
TWD4148-160WT TAITRON-TWD4148-160WT Datasheet
164Kb / 5P
   Two Terminals SMD Switching Diode
TWD400WT TAITRON-TWD400WT Datasheet
199Kb / 5P
   Two Terminals SMD Switching Diode
1N4148WU TAITRON-1N4148WU Datasheet
182Kb / 5P
   Two Terminals SMD Switching Diode
TWD160WT TAITRON-TWD160WT Datasheet
170Kb / 5P
   Two Terminals SMD Switching Diode
TWD160WU TAITRON-TWD160WU Datasheet
153Kb / 5P
   Two Terminals SMD Switching Diode
TWD4148-160WS TAITRON-TWD4148-160WS Datasheet
142Kb / 5P
   Two Terminals SMD Switching Diode
TWD4148-160WU TAITRON-TWD4148-160WU Datasheet
147Kb / 5P
   Two Terminals SMD Switching Diode
TWD4148-400WU TAITRON-TWD4148-400WU Datasheet
185Kb / 5P
   Two Terminals SMD Switching Diode
TWD160WS TAITRON-TWD160WS Datasheet
147Kb / 5P
   Two Terminals SMD Switching Diode
1N4448WU TAITRON-1N4448WU Datasheet
180Kb / 5P
   Two Terminals SMD Switching Diode
TWD400WU TAITRON-TWD400WU Datasheet
190Kb / 5P
   Two Terminals SMD Switching Diode
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com