データシートサーチシステム
Selected language   Japanese  ▼
品番検索
         詳細検索


KTX403U データシート(Datasheet) 3 Page - KEC(Korea Electronics)

部品番号. KTX403U
部品情報  EPITAXIAL PLANAR NPN TRANSISTOR SCHOTTKY BARRIER TYPE DIODE (SWITCHING, LOW VOLTAGE HIGH SPEED SWITCHING)
ダウンロード  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
メーカー  KEC [KEC(Korea Electronics)]
ホームページ  http://www.keccorp.com
Logo 

   
 3 page
background image
2003. 3. 11
3/4
KTX403U
Revision No : 2
BASE-EMITTER VOLTAGE V
(V)
BE
I - V
CBE
Ta=125
C
V =2V
I /I =20
CE
V =2V
CE
V =2V
CE
CB
I /I =20
CB
I /I =50
CB
I /I =20
C B
I /I =10
C B
Ta=25
C
Ta=-40
C
Ta=125 C
Ta=25 C
Ta=-40 C
Ta=25 C
Ta=125 C
Ta=25 C
Ta=-40 C
Ta=25 C
10
1K
30
50
100
300
500
V
- I
C
COLLECTOR CURRENT I (mA)
CE(sat)
C
13
1
10
30
100
300
1K
3
5
10
30
50
100
300
500
1K
V
- I
C
COLLECTOR CURRENT I (mA)
CE(sat)
C
13
1
10
30
100
300
1K
3
5
10
30
50
100
300
500
1K
0
1
0.5
1.0
1.5
3
5
10
30
50
100
300
500
1K
f - I
C
COLLECTOR CURRENT I (mA)
TC
13
10
30
100
300
1K
100
10K
300
500
1K
3K
5K
V
- I
C
COLLECTOR CURRENT I (mA)
BE(sat)
C
13
10
30
100
300
1K
10
1K
30
50
100
300
500
13
10
30
100
300
1K
COLLECTOR CURRENT I (mA)
Q (NPN TRANSISTOR)
C
h
- I
FE
C
1




Html ページ

1  2  3  4 


Datasheet Download



関連電子部品番号

部品番号コンポーネントの説明Html Viewメーカー
KTX402UEPITAXIAL PLANAR NPN TRANSISTOR SCHOTTKY BARRIER TYPE DIODE GENERAL PURPOSE LOW VOLTAGE HIGH SPEED SWITCHING 1 2 3 4 KEC(Korea Electronics)
KTX302UEPITAXIAL PLANAR PNP TRANSISTOR SCHOTTKY BARRIER TYPE DIODE GENERAL PURPOSE LOW VOLTAGE HIGH SPEED SWITCHING 1 2 3 4 KEC(Korea Electronics)
KTX303UEPITAXIAL PLANAR PNP TRANSISTOR SCHOTTKY BARRIER TYPE DIODE SWITCHING LOW VOLTAGE HIGH SPEED SWITCHING 1 2 3 4 KEC(Korea Electronics)
KTX401UEPITAXIAL PLANAR NPN TRANSISTOR SILICON EPITAXIAL PLANAR TYPE DIODE GENERAL PURPOSE ULTRA HIGH SPEED SWITCHING 1 2 KEC(Korea Electronics)
MA2SD30Schottky Barrier Diodes Silicon epitaxial planar type For super high speed switching 1 2 3 Panasonic Semiconductor
HRB0103ASilicon Schottky Barrier Diode for Low Voltage High Speed Switching Rectifying 1 2 3 4 5 MoreHitachi Semiconductor
HRB0103BSilicon Schottky Barrier Diode for Low Voltage High Speed Switching Rectifying 1 2 3 4 5 MoreHitachi Semiconductor
KTX301EEPITAXIAL PLANAR PNP TRANSISTOR SILICON EPITAXIAL PLANAR TYPE DIODE GENERAL PURPOSE ULTRA HIGH SPEED SWITCHING 1 2 KEC(Korea Electronics)
KTX301UEPITAXIAL PLANAR PNP TRANSISTOR SILICON EPITAXIAL PLANAR TYPE DIODE GENERAL PURPOSE ULTRA HIGH SPEED SWITCHING 1 2 KEC(Korea Electronics)
KTX401EEPITAXIAL PLANAR PNP TRANSISTOR SILICON EPITAXIAL PLANAR TYPE DIODE GENERAL PURPOSE ULTRA HIGH SPEED SWITCHING 1 2 KEC(Korea Electronics)

リンク URL

ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ]  

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   ブックマーク   |   リンク交換   |   メーカーリスト
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl