データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1N4937 データシート(PDF) 1 Page - Leshan Radio Company

部品番号 1N4937
部品情報  Fast Switching Rectifiers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LRC [Leshan Radio Company]
ホームページ  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

1N4937 データシート(HTML) 1 Page - Leshan Radio Company

  1N4937_15 Datasheet HTML 1Page - Leshan Radio Company 1N4937_15 Datasheet HTML 2Page - Leshan Radio Company 1N4937_15 Datasheet HTML 3Page - Leshan Radio Company 1N4937_15 Datasheet HTML 4Page - Leshan Radio Company 1N4937_15 Datasheet HTML 5Page - Leshan Radio Company 1N4937_15 Datasheet HTML 6Page - Leshan Radio Company 1N4937_15 Datasheet HTML 7Page - Leshan Radio Company 1N4937_15 Datasheet HTML 8Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Feature & Dimensions
* Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
* High temperature metallurgically bonded construction
* Diffused junction
* Capable of meeting environmental standards of MIL-S-19500
* 1.0 A operation at TA=75
°C with no thermal runaway
* For use in high frequency rectifier circuits
* Fast switching for high efficiency
* Typical IR less than 1.0
µA
* High temperature soldering guaranteed:
260
°C/10 seconds
* 0.375" (9.5mm) lead length, 5 lbs. (2.3kg) tension
Mechanical Data
Case: JEDEC DO-41, molded plastic body
Terminals: Plated axial leads, solderable per
We declare that the material of product compliance
MIL-STD-750, Method 2026
with ROHS requirements
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight: 0.012 oz., 0.284 g
Handling precautin:None
1.Maximum & Thermal Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
symbol
1N
4933
1N
4934
1N
4935
1N
4936
1N
4937
Unit
1N
4933
1N
4934
1N
4935
1N
4936
1N
4937
VRRM
50
100
200
400
600V
VRMS
35
70
140
280
420V
VDC
50
100
200
400
600V
IF(AV)A
IFSM
A
IR(AV)
µA
R
θJA
°C/W
TJ,
TSTG
°C
Electrical Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
symbol
1N
4933
1N
4934
1N
4935
1N
4936
1N
4937
Unit
VF
V
IR
µA
trr
ns
CJ
PF
NOTES:
1. IF = 0.5A, IR = 1.0A, IRR = 0.25A
2. Thermal resistance from junction to ambient at 0.375
” (9.5mm) lead length, P.C.B. mounted
1N4933 thru 1N4937
Typical reverse recovery time (Note 1)
Typical junction capacitance at 4.0V, 1MHz
Operating junction and storage temperature range
Parameter Symbol
Maximum instantaneous forward voltage at 1.0A
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum DC reverse current TA = 25
°C
at rated DC blocking voltage TA = 125
°C
Maximum average forward rectified current
0.375" (9.5mm) lead length at TA = 75°C
Peak forward surge current 8.3ms single half sine-wave
superimposed on rated load (JEDEC Method)
Maximum full load reverse current, full cycle
average,0.375"(9.5mm) lead lengths at TA = 55°C
Typical thermal resistance (Note 2)
Fast Switching Rectifiers
Reverse Voltage 50 to 600V Forward Current 1.0A
Parameter Symbol
15
100
60
1.0
30
–50 to +150
Marking spec
1.2
5.0
100
150


同様の部品番号 - 1N4937_15

メーカー部品番号データシート部品情報
logo
Diodes Incorporated
1N4937-A DIODES-1N4937-A Datasheet
67Kb / 3P
   1.0A FAST RECOVERY RECTIFIER
DS26002 Rev. 6 - 2
1N4937-B DIODES-1N4937-B Datasheet
67Kb / 3P
   1.0A FAST RECOVERY RECTIFIER
DS26002 Rev. 6 - 2
logo
Vishay Siliconix
1N4937-E3 VISHAY-1N4937-E3 Datasheet
677Kb / 5P
   Fast Switching Plastic Rectifier
Revision: 24-Jul-13
logo
Frontier Electronics.
1N4937-LFR FRONTIER-1N4937-LFR Datasheet
126Kb / 2P
   1A FAST RECOVERY PLASTIC RECTIFIER
logo
Diodes Incorporated
1N4937-T DIODES-1N4937-T Datasheet
67Kb / 3P
   1.0A FAST RECOVERY RECTIFIER
DS26002 Rev. 6 - 2
More results

同様の説明 - 1N4937_15

メーカー部品番号データシート部品情報
logo
Leshan Radio Company
FR255 LRC-FR255_15 Datasheet
206Kb / 7P
   Fast Switching Rectifiers
FR255P LRC-FR255P_15 Datasheet
206Kb / 7P
   Fast Switching Rectifiers
FR256 LRC-FR256_15 Datasheet
206Kb / 7P
   Fast Switching Rectifiers
FR302 LRC-FR302_15 Datasheet
193Kb / 7P
   Fast Switching Rectifiers
FR305 LRC-FR305_15 Datasheet
193Kb / 7P
   Fast Switching Rectifiers
FR306 LRC-FR306_15 Datasheet
193Kb / 7P
   Fast Switching Rectifiers
FR103 LRC-FR103_15 Datasheet
199Kb / 7P
   Fast Switching Rectifiers
FR107 LRC-FR107_15 Datasheet
197Kb / 3P
   Fast Switching Rectifiers
FR157P LRC-FR157P_15 Datasheet
206Kb / 7P
   Fast Switching Rectifiers
FR204 LRC-FR204_15 Datasheet
206Kb / 7P
   Fast Switching Rectifiers
FR105P LRC-FR105P_15 Datasheet
199Kb / 7P
   Fast Switching Rectifiers
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com