データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1N4148GH データシート(PDF) 1 Page - Zowie Technology Corporation

部品番号 1N4148GH
部品情報  Silicon Epitaxial Planar Switching Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ZOWIE [Zowie Technology Corporation]
ホームページ  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation

1N4148GH データシート(HTML) 1 Page - Zowie Technology Corporation

  1N4148GH Datasheet HTML 1Page - Zowie Technology Corporation 1N4148GH Datasheet HTML 2Page - Zowie Technology Corporation 1N4148GH Datasheet HTML 3Page - Zowie Technology Corporation 1N4148GH Datasheet HTML 4Page - Zowie Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1N4148GH
Silicon Epitaxial Planar Switching Diode
Applications
• High-speed switching
Absolute Maximum Ratings (Ta = 25 OC)
Parameter
Symbol
Value
Unit
Peak Reverse Voltage
VRM
100
V
Reverse Voltage
VR
75
V
Average Rectified Forward Current
IF(AV)
200
mA
Non-repetitive Peak Forward Surge Current
at t = 1 s
at t = 1 ms
at t = 1 μs
IFSM
0.5
1
4
A
Power Dissipation
Ptot
500
1)
mW
Junction Temperature
Tj
200
O
C
Storage Temperature Range
Tstg
- 65 to + 200
O
C
1) Valid provided that leads at a distance of 8 mm from case are kept at ambient temperature.
Zowie Technology Corporation
Lead free product
Max. 3.9
Max. 1.9
Glass Case DO-35
Max. 0.5
Min. 27.5
Min. 27.5
XXX
Cathode Band
Part No.
Dimensions in mm
Black
Black
Zowie Technology Corporation
REV. 0
Features
• Fast switching speed
• Ultra-small surface mount package
• For general purpose switching applications
• High conductance
Halogen-free type


同様の部品番号 - 1N4148GH

メーカー部品番号データシート部品情報
logo
Zowie Technology Corpor...
1N4148G ZOWIE-1N4148G Datasheet
41Kb / 2P
   SMALL-SIGNAL DIODE
logo
Unisonic Technologies
1N4148G-AE3-R UTC-1N4148G-AE3-R Datasheet
218Kb / 4P
   HIGH-SPEED SWITCHING DIODE
1N4148G-AE3-R UTC-1N4148G-AE3-R Datasheet
320Kb / 5P
   HIGH-SPEED SWITCHING DIODE
1N4148G-AE3-R UTC-1N4148G-AE3-R Datasheet
298Kb / 4P
   HIGH-SPEED SWITCHING DIODE
1N4148G-AL3-R UTC-1N4148G-AL3-R Datasheet
218Kb / 4P
   HIGH-SPEED SWITCHING DIODE
More results

同様の説明 - 1N4148GH

メーカー部品番号データシート部品情報
logo
Rohm
DA221 ROHM-DA221 Datasheet
74Kb / 4P
   Switching diode Silicon epitaxial planar
logo
Zowie Technology Corpor...
1N4148WSGH ZOWIE-1N4148WSGH Datasheet
131Kb / 2P
   Silicon Epitaxial Planar Switching Diode
logo
SEMTECH ELECTRONICS LTD...
BAV70W SEMTECH_ELEC-BAV70W Datasheet
287Kb / 2P
   SILICON EPITAXIAL PLANAR SWITCHING DIODE
logo
Zowie Technology Corpor...
1N4148WTGH ZOWIE-1N4148WTGH Datasheet
152Kb / 2P
   Silicon Epitaxial Planar Switching Diode
1N4148WSGH ZOWIE-1N4148WSGH_11 Datasheet
140Kb / 3P
   Silicon Epitaxial Planar Switching Diode
logo
Zibo Seno Electronic En...
1N914G ZSELEC-1N914G Datasheet
127Kb / 3P
   Silicon Epitaxial Planar Switching Diode
1N914W ZSELEC-1N914W Datasheet
148Kb / 3P
   Silicon Epitaxial Planar Switching Diode
1N4448 ZSELEC-1N4448 Datasheet
123Kb / 3P
   Silicon Epitaxial Planar Switching Diode
1SS400 ZSELEC-1SS400 Datasheet
180Kb / 3P
   Silicon Epitaxial Planar Switching Diode
logo
Olitech Electronics Co....
BAS35 OLITECH-BAS35 Datasheet
515Kb / 3P
   Silicon Epitaxial Planar Switching Diode
logo
Nanjing International G...
MMBD914 DGNJDZ-MMBD914 Datasheet
277Kb / 2P
   Silicon Epitaxial Planar Switching Diode
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com